Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-DP Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-DP
Description  HIGHSIDE SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DP Datasheet(HTML) 6 Page - IC-Haus GmbH

  IC-DP Datasheet HTML 1Page - IC-Haus GmbH IC-DP Datasheet HTML 2Page - IC-Haus GmbH IC-DP Datasheet HTML 3Page - IC-Haus GmbH IC-DP Datasheet HTML 4Page - IC-Haus GmbH IC-DP Datasheet HTML 5Page - IC-Haus GmbH IC-DP Datasheet HTML 6Page - IC-Haus GmbH IC-DP Datasheet HTML 7Page - IC-Haus GmbH IC-DP Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
iC-DP
HIGHSIDE SWITCH
Rev C3, Page 6/8
APPLICATION NOTES
Example application circuits for SOT23-6L package
I
36V
R
load
10k
VP
DP
NI
PI
SOT23-6L
iC-DP
Figure 8: 36 V supply, NPN input control
VP
DP
NI
PI
36V
I
R
load
SOT23-6L
iC-DP
10k
Figure 9: 36 V supply, PNP input control
VP
0V
5V
36V
V
DP
NI
PI
iC-DP
SOT23-6L
R
load
Figure 10: 5 V µC operating at 5 to 0 V input
control, 36 V output supply
DP
NI
PI
VP
12V
36V
I
10k
iC-DP
SOT23-6L
R
load
Figure 11: 12 V PNP input control, 36 V output
supply
I
DP
NI
PI
VP
12V
36V
R
load
SOT23-6L
iC-DP
10k
Figure 12: 12 V NPN input control, 36 V output
supply


Similar Part No. - IC-DP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DP ICHAUS-IC-DP Datasheet
215Kb / 7P
   HIGHSIDE SWITCH
IC-DP ICHAUS-IC-DP Datasheet
465Kb / 10P
   HIGHSIDE SWITCH
IC-DPSOT23-6L ICHAUS-IC-DPSOT23-6L Datasheet
215Kb / 7P
   HIGHSIDE SWITCH
IC-DP ICHAUS-IC-DP_16 Datasheet
465Kb / 10P
   HIGHSIDE SWITCH
More results

Similar Description - IC-DP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DP ICHAUS-IC-DP Datasheet
215Kb / 7P
   HIGHSIDE SWITCH
IC-DP ICHAUS-IC-DP_16 Datasheet
465Kb / 10P
   HIGHSIDE SWITCH
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com