Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320DM8147BCYEA1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320DM8147BCYEA1
Description  TMS320DM814x DaVinci Digital Media Processors
Download  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8147BCYEA1 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320DM8147BCYEA1 Datasheet HTML 1Page - Texas Instruments TMS320DM8147BCYEA1 Datasheet HTML 2Page - Texas Instruments TMS320DM8147BCYEA1 Datasheet HTML 3Page - Texas Instruments TMS320DM8147BCYEA1 Datasheet HTML 4Page - Texas Instruments TMS320DM8147BCYEA1 Datasheet HTML 5Page - Texas Instruments TMS320DM8147BCYEA1 Datasheet HTML 6Page - Texas Instruments TMS320DM8147BCYEA1 Datasheet HTML 7Page - Texas Instruments TMS320DM8147BCYEA1 Datasheet HTML 8Page - Texas Instruments TMS320DM8147BCYEA1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
www.ti.com
1.3
Description
TMS320DM814x DaVinci
™ Digital Media Processors are a highly-integrated, programmable platform that
leverages TI
’s DaVinci™ Processor technology to meet the processing needs of the following applications:
HD Video Conferencing - Skype endpoints, Video Surveillance DVRs, IP Netcam, Digital Signage, Media
Players/Adapters, Mobile Medical Imaging, Network Projectors, and Home Audio/Video Equipment to
name a few.
The device enables Original-Equipment Manufacturers (OEMs) and Original-Design Manufacturers
(ODMs) to quickly bring to market devices featuring robust operating systems support, rich user interfaces,
and high processing performance through the maximum flexibility of a fully integrated mixed processor
solution. The device also combines programmable video and audio processing with a highly integrated
peripheral set.
The TMS320DM814x DaVinci
™ Digital Media Processors also present OEMs and ODMs with new levels
of processor scalability and software reuse. An OEM or ODM that used the AM387x MPU in a design and
sees an opportunity to make a similar product with added features could scale up to the pin-compatible
and software-compatible TMS320DM814x processors from Texas Instruments (TI). The TMS320DM814x
DaVinci
™ Digital Media processors add a powerful C674x™ DSP core along with a video
encoder/decoder to the hardware on the AM38x. Additionally, OEMs or ODMs that have used the AM387x
or DM814x processors and find a need for a faster ARM and/or DSP core performance could scale up to
the software-compatible AM389x, TMS320C6A816x, or TMS320DM816x devices with higher core speeds.
Programmability is provided by an ARM Cortex
™-A8 RISC CPU with Neon™ extension, TI C674x VLIW
floating-point DSP core, and high-definition video/imaging coprocessors. The ARM allows developers to
keep control functions separate from A/V algorithms programmed on the DSP and coprocessors, thus
reducing the complexity of the system software. The ARM Cortex
™-A8 32-bit RISC microprocessor with
Neon
™ floating-point extension includes: 32 Kbytes (KB) of Instruction cache; 32KB of Data cache;
512KB of L2 Cache; 48KB of Boot ROM; and 64KB of RAM.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections in this document and
the associated peripheral reference guides. The peripheral set includes: HD Video Processing Subsystem;
Dual Port Gigabit Ethernet MACs (10/100/1000 Mbps) [Ethernet Switch] with MII/RMII/GMII/RGMII and
MDIO interface supporting IEEE-1588 Time-Stamping and Industrial Ethernet Protocols; two USB ports
with integrated 2.0 PHY; PCIe x1 GEN2 Compliant interface; two 10-serializer McASP audio serial ports
(with DIT mode); four quad-serilaizer McASP audio serial ports (with DIT mode); one McBSP multichannel
buffered serial port; six UARTs with IrDA and CIR support; four SPI serial interfaces; three MMC/SD/SDIO
serial interfaces; four I2C master/slave interfaces; a Parallel Camera Interface (CAM); up to
128 General-Purpose IOs (GPIOs); eight 32-bit general-purpose timers; System watchdog timer; Dual
LPDDR/DDR2/DDR3 SDRAM interfaces; flexible 8/16-bit asynchronous memory interface; two Controller
Area Network (DCAN) modules; a Spin Lock; Mailbox; and Serial Hard Disk Drive Interface (SATA 300).
TMS320DM814x DaVinci
™ Digital Media Processors also include a high-definition video/imaging
coprocessor 2 (HDVICP2), and an SGX530 3D graphics engine to off-load many video and imaging
processing tasks from the DSP core, making more DSP MIPS available for common video and imaging
algorithms. Additionally, it has a complete set of development tools for both the ARM and DSP which
include C compilers, a DSP assembly optimizer to simplify programming and scheduling, and a Microsoft
®
Windows
™ debugger interface for visibility into source code execution.
The C674x DSP core is the high-performance floating-point DSP generation in the TMS320C6000
™ DSP
platform and is code-compatible with previous generation C64x Fixed-Point and C67x Floating-Point DSP
generation. The C674x Floating-Point DSP processor uses 32KB of L1 program memory with EDC and
32KB of L1 data memory. Up to 32KB of L1P can be configured as program cache. The remaining is
non-cacheable no-wait-state program memory. Up to 32KB of L1D can be configured as data cache. The
remaining is non-cacheable no-wait-state data memory. The DSP has 256KB of L2 RAM with ECC, which
can be defined as SRAM, L2 cache, or a combination of both. All C674x L3 and off-chip memory
accesses are routed through an MMU.
4
High-Performance System-on-Chip (SoC)
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8147BCYEA1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8147BCYE0 TI1-TMS320DM8147BCYE0 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8147BCYE0 TI1-TMS320DM8147BCYE0 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8147BCYE0 TI1-TMS320DM8147BCYE0 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8147BCYE1 TI1-TMS320DM8147BCYE1 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8147BCYE1 TI1-TMS320DM8147BCYE1 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
More results

Similar Description - TMS320DM8147BCYEA1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com