Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C5534AZHHA05 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320C5534AZHHA05
Description  Fixed-Point Digital Signal Processors
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5534AZHHA05 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320C5534AZHHA05 Datasheet HTML 1Page - Texas Instruments TMS320C5534AZHHA05 Datasheet HTML 2Page - Texas Instruments TMS320C5534AZHHA05 Datasheet HTML 3Page - Texas Instruments TMS320C5534AZHHA05 Datasheet HTML 4Page - Texas Instruments TMS320C5534AZHHA05 Datasheet HTML 5Page - Texas Instruments TMS320C5534AZHHA05 Datasheet HTML 6Page - Texas Instruments TMS320C5534AZHHA05 Datasheet HTML 7Page - Texas Instruments TMS320C5534AZHHA05 Datasheet HTML 8Page - Texas Instruments TMS320C5534AZHHA05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 155 page
background image
TMS320C5535
TMS320C5534, TMS320C5533, TMS320C5532
www.ti.com
SPRS737
– AUGUST 2011
TMS320C5535,
'C5534, 'C5533, 'C5532 Fixed-Point Digital Signal Processors
Check for Samples: TMS320C5535, TMS320C5534, TMS320C5533, TMS320C5532
1
Fixed-Point Digital Signal Processor
1.1
Features
1
– Four Inter-IC Sound (I2S Bus™) for Data
• CORE:
Transport
– High-Performance, Low-Power, TMS320C55x
– Device USB Port With Integrated 2.0
Fixed-Point Digital Signal Processor
High-Speed PHY that Supports:
20-, 10-ns Instruction Cycle Time
USB 2.0 Full- and High-Speed Device
50-, 100-MHz Clock Rate
– LCD Bridge With Asynchronous Interface
One/Two Instruction(s) Executed per
– 10-Bit 4-Input Successive Approximation
Cycle
(SAR) ADC
Dual Multipliers [Up to 200 Million
– IEEE-1149.1 (JTAG™)
Multiply-Accumulates per Second
Boundary-Scan-Compatible
(MMACS)]
– Up to 20 General-Purpose I/O (GPIO) Pins
Two Arithmetic/Logic Units (ALUs)
(Multiplexed With Other Device Functions)
Three Internal Data/Operand Read Buses
• POWER:
and Two Internal Data/Operand Write
Buses
– Four Core Isolated Power Supply Domains:
Analog, RTC, CPU and Peripherals, and USB
Software-Compatible With C55x Devices
– Three I/O Isolated Power Supply Domains:
Industrial Temperature Devices Available
RTC I/O, USB PHY, and DVDDIO
– 320K Bytes Zero-Wait State On-Chip RAM,
– Three integrated LDOs (DSP_LDO,
Composed of:
ANA_LDO, and USB_LDO) to power the
64K Bytes of Dual-Access RAM (DARAM),
isolated domains: DSP Core, Analog, and
8 Blocks of 4K x 16-Bit
USB Core, respectively
256K Bytes of Single-Access RAM
– 1.05-V Core (50 MHz), 1.8-V, 2.5-V, 2.75-V, or
(SARAM), 32 Blocks of 4K x 16-Bit
3.3-V I/Os
– 128K Bytes of Zero Wait-State On-Chip ROM
– 1.3-V Core (100 MHz), 1.8-V, 2.5-V, 2.75-V, or
(4 Blocks of 16K x 16-Bit)
3.3-V I/Os
– Tightly-Coupled FFT Hardware Accelerator
• CLOCK:
• PERIPHERAL:
– Real-Time Clock (RTC) With Crystal Input,
– Direct Memory Access (DMA) Controller
With Separate Clock Domain, Separate
Four DMA With 4 Channels Each
Power Supply
(16-Channels Total)
– Low-Power S/W Programmable
– Three 32-Bit General-Purpose Timers
Phase-Locked Loop (PLL) Clock Generator
One Selectable as a Watchdog and/or GP
• BOOTLOADER:
– Two Embedded Multimedia Card/Secure
– On-Chip ROM Bootloader (RBL) to Boot
Digital (eMMC/SD) Interfaces
From SPI EEPROM, SPI Serial Flash or I2C
– Universal Asynchronous
EEPROM eMMC/SD/SDHC, UART, and USB
Receiver/Transmitter (UART)
• PACKAGE:
– Serial-Port Interface (SPI) With Four
– 144-Terminal Pb-Free Plastic BGA (Ball Grid
Chip-Selects
Array) (ZHH Suffix)
– Master/Slave Inter-Integrated Circuit (I2C
Bus
™)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320C5534AZHHA05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5534AZHHA05 TI1-TMS320C5534AZHHA05 Datasheet
1Mb / 156P
[Old version datasheet]   TMS320C5535, C5534, C5533,C5532 FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C5534AZHHA05 TI1-TMS320C5534AZHHA05 Datasheet
1Mb / 156P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C5534AZHHA05 TI1-TMS320C5534AZHHA05 Datasheet
1Mb / 157P
[Old version datasheet]   TMS320C5535, C5534, C5533, C5532 Fixed-Point Digital Signal Processors
More results

Similar Description - TMS320C5534AZHHA05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com