Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

801-2031-A40 Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # 801-2031-A40
Description  Kotron짰 Model 801 RF Capacitance Transmitter for Level/Flow/Volume
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

801-2031-A40 Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  801-2031-A40 Datasheet HTML 1Page - Magnetrol International, Inc. 801-2031-A40 Datasheet HTML 2Page - Magnetrol International, Inc. 801-2031-A40 Datasheet HTML 3Page - Magnetrol International, Inc. 801-2031-A40 Datasheet HTML 4Page - Magnetrol International, Inc. 801-2031-A40 Datasheet HTML 5Page - Magnetrol International, Inc. 801-2031-A40 Datasheet HTML 6Page - Magnetrol International, Inc. 801-2031-A40 Datasheet HTML 7Page - Magnetrol International, Inc. 801-2031-A40 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
D E S C R I P T I O N
The Kotron Model 801 Transmitter is a new generation
RF Capacitance multi-function transmitter that offers the
user unparalleled power. The preamplifier circuit pro-
vides installation flexibility of a 2500 feet maximum
remote distance. The Model 801 can interface with two
separate vessels, essentially making it a mini-multiplexer,
while software mathematics allow for the sum or differen-
tial of the two signals.
F E A T U R E S
Capability for dual input of two probes from separate
vessels.
The level signal from one vessel can be mathematically
added to or subtracted from another vessel.
Level/Volume and Level/Flow characterization for all
standard vessels and flumes/weirs.
Integral keypad on front panel maintains NEMA 4X
rating; no need to open the enclosure during
calibration or setup.
Provides one 4–20 mA isolated analog output signal.
Four 10-amp SPDT relays provide complete flexibility
from simple alarm applications to complex pump
control including lead/lag alternation of pumps.
16-character alphanumeric display of all parameters.
Display may be configured in units of level, volume,
or flow.
Continuous diagnostics check all major functions of
the device including integrity of the probe.
Unit may be remote mounted up to 2500 feet (760 m)
using twisted, shielded pair cable.
Intrinsically safe version can be remote mounted to
800 feet (240 m) and is supplied with on-board barriers.
RS-232 for downloading of collected flow data (up to
the last 31 days).
A P P L I C A T I O N S
Hydrocarbons and solvents
Slurries
Viscous fluids
Open channel flow
High temperature/pressure liquids
Acids
Kotron
® Model 801
RF Capacitance
Transmitter for
Level/Flow/Volume


Similar Part No. - 801-2031-A40

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
801-2 MICROSEMI-801-2 Datasheet
120Kb / 3P
   RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 20-40 AMP, STANDARD HIGH EFFICIENCY, ESP
801-2 MICROSEMI-801-2 Datasheet
142Kb / 3P
   Three Phase Ultrafast Bridges
logo
Magnetrol International...
801-2-31-A40 MAGNETROL-801-2-31-A40 Datasheet
211Kb / 28P
   KotronTM II Series 801 RF Capacitance Transmitter For Level/Flow/Volume
More results

Similar Description - 801-2031-A40

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
801-2-31-A40 MAGNETROL-801-2-31-A40 Datasheet
211Kb / 28P
   KotronTM II Series 801 RF Capacitance Transmitter For Level/Flow/Volume
805-501A-110 MAGNETROL-805-501A-110 Datasheet
196Kb / 4P
   Kotron짰 Model 805 Smart RF Level Transmitter
082-803-400 MAGNETROL-082-803-400 Datasheet
121Kb / 6P
   Kotron짰 Model 82 CE RF Level Transmitter
804-R010-230 MAGNETROL-804-R010-230 Datasheet
162Kb / 8P
   Kotron짰 Sentinel Model 804 RF Level Transmitter
805-501A-111 MAGNETROL-805-501A-111 Datasheet
757Kb / 36P
   KOTRON짰 MODEL 805 SMART RF LEVEL TRANSMITTER
804-R010-330 MAGNETROL-804-R010-330 Datasheet
456Kb / 32P
   Kotron짰 Sentinel II Model 804 RF Level Transmitter
811-1005-E01 MAGNETROL-811-1005-E01 Datasheet
769Kb / 28P
   Kotron짰 Model 811 RF Point Level Sensor
810-0005-D01 MAGNETROL-810-0005-D01 Datasheet
257Kb / 16P
   Kotron짰 Model 810 RF Point Level Sensor
811-1005-E00 MAGNETROL-811-1005-E00 Datasheet
201Kb / 8P
   Kotron짰 Model 811 RF Point Level Switch
810-0105-D01 MAGNETROL-810-0105-D01 Datasheet
135Kb / 4P
   Kotron짰 Model 810 RF Point Level Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com