Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3871BCYE100 Datasheet(PDF) 7 Page - Texas Instruments

Part # AM3871BCYE100
Description  AM387x Sitara ARM Microprocessors (MPUs)
Download  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871BCYE100 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM3871BCYE100 Datasheet HTML 3Page - Texas Instruments AM3871BCYE100 Datasheet HTML 4Page - Texas Instruments AM3871BCYE100 Datasheet HTML 5Page - Texas Instruments AM3871BCYE100 Datasheet HTML 6Page - Texas Instruments AM3871BCYE100 Datasheet HTML 7Page - Texas Instruments AM3871BCYE100 Datasheet HTML 8Page - Texas Instruments AM3871BCYE100 Datasheet HTML 9Page - Texas Instruments AM3871BCYE100 Datasheet HTML 10Page - Texas Instruments AM3871BCYE100 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 2-2. Characteristics of the Processor
HARDWARE FEATURES
AM387x
1 16-/24-bit HD Capture Port or
2 8-bit SD Capture Ports
and
1 8/16/24-bit HD Capture Port
and
1 8-bit SD Capture Port
HD Video Processing Subsystem (HDVPSS)
and
1 16-/24-/30-bit HD Display Port or
1 HDMI 1.3 Transmitter
and
1 16-/24-bit HD Display Port
and
2 SD Video DACs
1 Parallel Camera Input for Raw (up to
Imaging Subsystem (ISS)
16-bit)
and BT.656/BT.1120 (8/16-bit)
Peripherals
LPDDR/DDR2/3 Memory Controller
2 (32-bit Bus Widths)
Not all peripherals
pins are available at
Asynchronous (8-/16-bit bus width)
GPMC + ELM
the same time (for
RAM, NOR, NAND
more details, see the
64 Independent Channels
Device
EDMA
8 QDMA Channels
Configurations
section).
10/100/1000 Ethernet MAC Switch with Management Data
1 (with 2 MII/RMII/GMII/RGMII Interfaces)
Input/Output (MDIO)
2 (Supports High- and Full-Speed as a
Device and
USB 2.0
High-, Full-, and Low-Speed as a Host, or
OTG)
PCI Express 2.0
1 Port (1 5.0GT/s lane)
8 (32-bit General purpose)
Timers
and
1 (System Watchdog)
6 (with SIR, MIR, FIR, CIR support and
UART
RTS/CTS flow control)
(UART0 Supports Modem Interface)
SPI
4 (Supports 4 slave devices)
1 (1-bit or 4-bit or 8-bit modes)
and
MMC/SD/SDIO
1 (8-bit mode) or
2 (1-bit or 4-bit modes)
I2C
4 (Master/Slave)
Media Controller
Controls HDVPSS and ISS
6 (10/10/4/4/4/4 Serializers, Each with
McASP
Transmit/Receive and DIT capability)
McBSP
1 (2 Data Pins, Transmit/Receive)
Controller Area Network (DCAN)
2
Serial ATA (SATA) 3.0 Gbps
1 (Supports 1 Hard Disk Drive)
RTC
1
GPIO
Up to 128 pins
Parallel Camera Interface (CAM)
1
Spin Lock Module
1 (up to 128 H/W Semaphores)
Mailbox Module
1 (with 12 Mailboxes)
Size (Bytes)
768KB RAM, 48KB ROM
ARM
32KB I-cache
32KB D-cache
512KB L2 Cache
64KB RAM
On-Chip Memory
Organization
48KB Boot ROM
Copyright
© 2011, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871


Similar Part No. - AM3871BCYE100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3871CCYE100 TI1-AM3871CCYE100 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
AM3871CCYE80 TI1-AM3871CCYE80 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
More results

Similar Description - AM3871BCYE100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3894 TI1-AM3894_15 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
AM3874 TI-AM3874_15 Datasheet
1Mb / 361P
[Old version datasheet]   AM387x Sitara??ARM Processors
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715 TI1-AM3715_17 Datasheet
3Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3703 TI1-AM3703 Datasheet
3Mb / 280P
[Old version datasheet]   AM3715, AM3703 Sitara ARM Microprocessors
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com