Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS4229IRGCR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4229IRGCR
Description  Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4229IRGCR Datasheet(HTML) 5 Page - Texas Instruments

  ADS4229IRGCR Datasheet HTML 1Page - Texas Instruments ADS4229IRGCR Datasheet HTML 2Page - Texas Instruments ADS4229IRGCR Datasheet HTML 3Page - Texas Instruments ADS4229IRGCR Datasheet HTML 4Page - Texas Instruments ADS4229IRGCR Datasheet HTML 5Page - Texas Instruments ADS4229IRGCR Datasheet HTML 6Page - Texas Instruments ADS4229IRGCR Datasheet HTML 7Page - Texas Instruments ADS4229IRGCR Datasheet HTML 8Page - Texas Instruments ADS4229IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
ADS4229
www.ti.com
SBAS550A
– JUNE 2011 – REVISED OCTOBER 2011
ELECTRICAL CHARACTERISTICS: ADS4229
Typical values are at +25
°C, AVDD = 1.8 V, DRVDD = 1.8 V, 50% clock duty cycle, –1 dBFS differential analog input, LVDS
interface, and 0-dB gain, unless otherwise noted. Minimum and maximum values are across the full temperature range:
TMIN = –40°C to TMAX = +85°C, AVDD = 1.8 V, and DRVDD = 1.8 V.
ADS4229 (250 MSPS)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
Bits
fIN = 20 MHz
70.5
dBFS
fIN = 70 MHz
70.3
dBFS
fIN = 100 MHz
70.1
dBFS
Signal-to-noise ratio
SNR
fIN = 170 MHz, 0-dB gain
69.8
dBFS
fIN = 170 MHz, 3-dB gain
65.5
67.8
dBFS
fIN = 300 MHz
68.2
dBFS
fIN = 20 MHz
70
dBFS
fIN = 70 MHz
69.7
dBFS
fIN = 100 MHz
69.8
dBFS
Signal-to-noise and
SINAD
distortion ratio
fIN = 170 MHz, 0-dB gain
69.1
dBFS
fIN = 170 MHz, 3-dB gain
65
67.5
dBFS
fIN = 300 MHz
67.6
dBFS
fIN = 20 MHz
80
dBc
fIN = 70 MHz
79
dBc
fIN = 100 MHz
82
dBc
Spurious-free dynamic
SFDR
range
fIN = 170 MHz, 0-dB gain
80
dBc
fIN = 170 MHz, 3-dB gain
71
81
dBc
fIN = 300 MHz
77
dBc
fIN = 20 MHz
78
dBc
fIN = 70 MHz
77
dBc
fIN = 100 MHz
79
dBc
Total harmonic distortion
THD
fIN = 170 MHz, 0-dB gain
76
dBc
fIN = 170 MHz, 3-dB gain
69.5
78
dBc
fIN = 300 MHz
75
dBc
fIN = 20 MHz
80
dBc
fIN = 70 MHz
79
dBc
fIN = 100 MHz
81
dBc
Second-harmonic
HD2
distortion
fIN = 170 MHz, 0-dB gain
80
dBc
fIN = 170 MHz, 3-dB gain
71
81
dBc
fIN = 300 MHz
76
dBc
fIN = 20 MHz
85
dBc
fIN = 70 MHz
87
dBc
fIN = 100 MHz
96
dBc
Third-harmonic distortion
HD3
fIN = 170 MHz, 0-dB gain
80
dBc
fIN = 170 MHz, 3-dB gain
71
87
dBc
fIN = 300 MHz
84
dBc
fIN = 20 MHz
92
dBc
fIN = 70 MHz
95
dBc
fIN = 100 MHz
94
dBc
Worst spur
(other than second and third harmonics)
fIN = 170 MHz, 0-dB gain
93
dBc
fIN = 170 MHz, 3-dB gain
77
92
dBc
fIN = 300 MHz
89
dBc
f1 = 46 MHz, f2 = 50 MHz,
98
dBFS
each tone at
–7 dBFS
Two-tone intermodulation
IMD
distortion
f1 = 185 MHz, f2 = 190 MHz,
84
dBFS
each tone at
–7 dBFS
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS4229


Similar Part No. - ADS4229IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4229IRGCR TI1-ADS4229IRGCR Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
More results

Similar Description - ADS4229IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com