Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320DM8148 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM8148
Description  TMS320DM814x DaVinci Digital Media Processors
Download  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320DM8148 Datasheet HTML 5Page - Texas Instruments TMS320DM8148 Datasheet HTML 6Page - Texas Instruments TMS320DM8148 Datasheet HTML 7Page - Texas Instruments TMS320DM8148 Datasheet HTML 8Page - Texas Instruments TMS320DM8148 Datasheet HTML 9Page - Texas Instruments TMS320DM8148 Datasheet HTML 10Page - Texas Instruments TMS320DM8148 Datasheet HTML 11Page - Texas Instruments TMS320DM8148 Datasheet HTML 12Page - Texas Instruments TMS320DM8148 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Table 8-12, Ethernet MAC Switch Registers:
Deleted ALE_PORTCTL3, ALE_PORTCTL4, ALE_PORTCTL5 (HEX ADDRESS RANGE: 0x4A10
064C, 0x4A10 0650, 0x4A10 0654, respectively)
Section 8.6.1
Added reference to the MDIO Registers at EMAC HEX ADDRESS RANGE 0x4A10 0800 through
EMAC Peripheral
0x4A10 08FF
Register Descriptions
Added missing EMAC registers at EMAC HEX ADDRESS RANGE 0x4A10 0900 through 0x4A10
0984 [Cleared E2E Issue]
Table 8-18, Timing Requirements for EMAC[x]_RMREFCLK - RMII Operation:
Section 8.6.2.2
EMAC RMII Electrical
Updated/Changed the MAX value for parameter NO. 4, tt(RMREFCLK), Transition time,
Data/Timing
EMAC[x]_RMREFCLK from "TBD" to "3" ns
Table 8-25, MDIO Registers:
Section 8.6.3.1
Added RESERVED row at HEX ADDRESS RANGE 0x4A10 088C through 0x4A10 08FF
MDIO Peripheral Register
Descriptions
Section 8.10
Section 8.10, High-Definition Video Processing Subsystem (HDVPSS):
High-Definition Video
Deleted "mosaic support", "region-based", and "region based" from the peripheral features bulleted
Processing Subsystem
list
(HDVPSS)
Section 8.10.1, HDVPSS Electrical Data/Timing:
Updated/Changed the VOUT[x]_CLK signal to be negative-edge clocking
Table 8-41, Switching Characteristics Over Recommended Operating Conditions for HDVPSS Output:
Updated/Changed PARAMETER NO. 6, td(CLK-x), "Delay time, VOUT[x]_CLK to control valid" to
"Delay time, VOUT[x]_CLK low (falling) to control valid"
Updated/Changed PARAMETER NO. 6, td(CLK-x), "Delay time, VOUT[x]_CLK to data valid" to
"Delay time, VOUT[x]_CLK low (falling) to data valid"
Updated/Changed the MIN value for parameter NO. 6, td(CLK-x), Delay time, VOUT[x]_CLK low
Section 8.10
(falling) to control valid from "0.5" to "-1.6" ns.
High-Definition Video
Processing Subsystem
Updated/Changed the MAX value for parameter NO. 6, td(CLK-x), Delay time, VOUT[x]_CLK low
(HDVPSS)
(falling) to control valid from "5" to "1.4" ns.
Updated/Changed the MIN value for parameter NO. 6, td(CLK-x), Delay time, VOUT[x]_CLK low
(falling) to data valid from "0.5" to "-1.6" ns.
Updated/Changed the MAX value for parameter NO. 6, td(CLK-x), Delay time, VOUT[x]_CLK low
(falling) to data valid from "5" to "1.4" ns.
Updated/Changed Figure 8-38, HDVPSS Clock Timing
Updated/Changed Figure 8-40, HDVPSS Output Timing
Section 8.11.2, I2C Electrical Data/Timing:
Updated/Changed the Table 8-44, Timing Requirements for I2C Input Timings
Section 8.11.2
Updated/Changed the Table 8-45, Switching Characteristics Over Recommended Operating
I2C Electrical Data/Timing
Conditions for I2C Output Timings
Table 8-50, Compatible JEDEC DDR2 Devices:
Section 8.13.1.1
Added "(Per Interface)" to the table title
DDR2 Routing Guidelines
Table 8-63, Compatible JEDEC DDR3 Devices:
Added "(Per Interface)" to the table title
Section 8.13.1.2
Updated/Changed the MAX value for parameter NO. 3, JEDEC DDR3 device count from "8" to "4"
DDR3 Routing Guidelines
Devices
Added "or up to 15 hard disk drives using a Port Multiplier" to "The Serial ATA (SATA) peripheral
Section 8.18
provides ..." paragraph
Serial ATA Controller
(SATA)
Copyright
© 2011, Texas Instruments Incorporated
Contents
9
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8148

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148BCYE0 TI1-TMS320DM8148BCYE0 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148BCYE0 TI1-TMS320DM8148BCYE0 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
More results

Similar Description - TMS320DM8148

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com