Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2836IRUNR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2836IRUNR
Description  Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2836IRUNR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2836IRUNR Datasheet HTML 3Page - Texas Instruments OPA2836IRUNR Datasheet HTML 4Page - Texas Instruments OPA2836IRUNR Datasheet HTML 5Page - Texas Instruments OPA2836IRUNR Datasheet HTML 6Page - Texas Instruments OPA2836IRUNR Datasheet HTML 7Page - Texas Instruments OPA2836IRUNR Datasheet HTML 8Page - Texas Instruments OPA2836IRUNR Datasheet HTML 9Page - Texas Instruments OPA2836IRUNR Datasheet HTML 10Page - Texas Instruments OPA2836IRUNR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
OPA836
OPA2836
www.ti.com
SLOS712D
– JANUARY 2011 – REVISED OCTOBER 2011
SPECIFICATIONS: VS = 5 V
Test conditions unless otherwise noted: VS+ = +5 V, VS– = 0 V, VOUT = 2 VPP, RF = 0 Ω, RL = 1 kΩ, G = 1 V/V, Input and
Output Referenced to mid-supply. TA = 25°C. Unless otherwise noted.
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LEVEL(1)
DC PERFORMANCE
Open-loop voltage gain (AOL)
100
122
dB
A
TA = 25°C
±65
±400
A
TA = 0°C to 70°C
±685
Input referred offset voltage
µV
TA = –40°C to 85°C
±765
B
TA = –40°C to 125°C
±1080
TA = 0°C to 70°C
±1.05
±6.3
Input offset voltage drift(2)
TA = –40°C to 85°C
±1
±6.1
µV/°C
B
TA = –40°C to 125°C
±1.1
±6.8
TA = 25°C
300
650
1000
A
TA = 0°C to 70°C
190
1400
Input bias current
nA
TA = –40°C to 85°C
120
1550
B
TA = –40°C to 125°C
120
1850
TA = 0°C to 70°C
±0.34
±2
Input bias current drift(2)
TA = –40°C to 85°C
±0.34
±2
nA/
°C
B
TA = –40°C to 125°C
±0.38
±2.3
TA = 25°C
±30
±180
A
TA = 0°C to 70°C
±30
±200
Input offset current
nA
TA = –40°C to 85°C
±30
±215
B
TA = –40°C to 125°C
±30
±250
TA = 0°C to 70°C
±80
±480
Input offset current drift(2)
TA = –40°C to 85°C
±100
±600
pA/
°C
B
TA = –40°C to 125°C
±110
±660
INPUT
TA = 25°C, <3dB degradation in CMRR limit
–0.2
0
V
A
Common-mode input range low
TA = –40°C to 125°C, <3dB degradation in CMRR
–0.2
0
V
B
limit
TA = 25°C, <3dB degradation in CMRR limit
3.8
3.9
V
A
Common-mode input range high
TA = –40°C to 125°C, <3dB degradation in CMRR
3.8
3.9
V
B
limit
Input linear operating voltage range
TA = 25°C, <6dB degradation in THD
-0.3 to
V
C
4.05
Common-mode rejection ratio
94
116
dB
A
Input impedance common mode
200||1.2
k
Ω || pF
C
Input impedance differential mode
200||1
k
Ω || pF
C
OUTPUT
TA = 25°C, G =
0.15
0.2
V
A
Linear output voltage low
TA = –40°C to 125°C, G = 5
0.15
0.2
V
B
TA = 25°C, G = 5
4.75
4.8
V
A
Linear output voltage high
TA = –40°C to 125°C, G = 5
4.75
4.8
V
B
Output saturation voltage, High / Low
TA = 25°C, G = 5
100/50
mV
C
TA = 25°C
±40
±50
mA
A
Linear output current drive
TA = –40°C to 125°C
±40
±50
mA
B
(1)
Test levels (all values set by characterization and simulation): (A) 100% tested at 25
°C; over temperature limits by characterization and
simulation. (B) Not tested in production; limits set by characterization and simulation. (C) Typical value only for information.
(2)
Input Offset Voltage Drift, Input Bias Current Drift, and Input Offset Current Drift are average values calculated by taking data at the end
points, computing the difference, and dividing by the temperature range.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA836 OPA2836


Similar Part No. - OPA2836IRUNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2836IRUNR TI1-OPA2836IRUNR Datasheet
2Mb / 54P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA2836IRUNR TI1-OPA2836IRUNR Datasheet
2Mb / 57P
[Old version datasheet]   Operational Amplifiers
More results

Similar Description - OPA2836IRUNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA836 TI1-OPA836_14 Datasheet
2Mb / 54P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
National Semiconductor ...
OPA2835 NSC-OPA2835 Datasheet
2Mb / 53P
   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Texas Instruments
OPA835_1110 TI1-OPA835_1110 Datasheet
1Mb / 49P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA2835-DIE TI1-OPA2835-DIE Datasheet
107Kb / 5P
[Old version datasheet]   ULTRA LOW-POWER, RAIL-TO-RAIL OUT, NEGATIVE RAIL IN, VFB OP AMP
OPA835 TI1-OPA835 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
MAY2011
OPA835 TI1-OPA835_12 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
[Old version datasheet]   Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI-OPA835_15 Datasheet
1Mb / 57P
[Old version datasheet]   OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA2836-Q1 TI1-OPA2836-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Very-Low Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifier
OPA836 TI-OPA836_15 Datasheet
1Mb / 57P
[Old version datasheet]   OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com