Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2314 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2314
Description  3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2314 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2314 Datasheet HTML 5Page - Texas Instruments OPA2314 Datasheet HTML 6Page - Texas Instruments OPA2314 Datasheet HTML 7Page - Texas Instruments OPA2314 Datasheet HTML 8Page - Texas Instruments OPA2314 Datasheet HTML 9Page - Texas Instruments OPA2314 Datasheet HTML 10Page - Texas Instruments OPA2314 Datasheet HTML 11Page - Texas Instruments OPA2314 Datasheet HTML 12Page - Texas Instruments OPA2314 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
1000
800
600
400
200
0
200
400
600
800
1000
-
-
-
-
-
-2.75
0
-2
-1.25
-0.5
0.5
1.25
2
2.75
Common-Mode Voltage (V)
Typical Units
V = ±2.75 V
S
1500
1000
500
0
500
1000
1500
-
-
-
-40
-25
5
20
35
50
65
80
95
110 125
Temperature (°C)
-10
Typical Units
V = ±2.75 V
S
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
Frequency (Hz)
V = ±2.75 V
S
+PSRR
PSRR
-
CMRR
104
102
100
98
96
94
92
90
88
86
84
-50
-25
0
25
50
75
100
125
Temperature (°C)
PSRR
CMRR
Time (1 s/div)
100
10
10
100
1k
10k
100k
Frequency (Hz)
V = ±2.75 V
S
V = ±0.9 V
S
OPA314
OPA2314
OPA4314
www.ti.com
SBOS563B
– MAY 2011 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
OFFSET VOLTAGE vs TEMPERATURE
Figure 7.
Figure 8.
CMRR AND PSRR
CMRR AND PSRR
vs FREQUENCY (Referred-to-Input)
vs TEMPERATURE
Figure 9.
Figure 10.
INPUT VOLTAGE NOISE SPECTRAL DENSITY
0.1-Hz to 10-Hz INPUT VOLTAGE NOISE
vs FREQUENCY
Figure 11.
Figure 12.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA314 OPA2314 OPA4314


Similar Part No. - OPA2314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314 TI1-OPA2314 Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314 TI-OPA2314 Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314 TI1-OPA2314 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
[Old version datasheet]   3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
OPA2314-EP TI1-OPA2314-EP Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results

Similar Description - OPA2314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
[Old version datasheet]   3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2322A-Q1 TI1-OPA2322A-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com