Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA826AIDGK Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA826AIDGK
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA826AIDGK Datasheet(HTML) 1 Page - Texas Instruments

  INA826AIDGK Datasheet HTML 1Page - Texas Instruments INA826AIDGK Datasheet HTML 2Page - Texas Instruments INA826AIDGK Datasheet HTML 3Page - Texas Instruments INA826AIDGK Datasheet HTML 4Page - Texas Instruments INA826AIDGK Datasheet HTML 5Page - Texas Instruments INA826AIDGK Datasheet HTML 6Page - Texas Instruments INA826AIDGK Datasheet HTML 7Page - Texas Instruments INA826AIDGK Datasheet HTML 8Page - Texas Instruments INA826AIDGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
R
G
R
G
+IN
+V
S
V
OUT
REF
1
2
3
4
8
7
6
5
-
IN
-
V
S
MSOP-8,SO-8
INA826
www.ti.com
SBOS562A
– AUGUST 2011 – REVISED SEPTEMBER 2011
Precision, 200-
µA Supply Current, 2.7-V to 36-V Supply
Instrumentation Amplifier with Rail-to-Rail Output
Check for Samples: INA826
1
FEATURES
DESCRIPTION
The INA826 is a low-cost instrumentation amplifier
234
Input Common-Mode Range: Includes V
that offers extremely low power consumption and
Common-Mode Rejection:
operates over a very wide single or dual supply
– 104 dB, min (G = 10)
range. A single external resistor sets any gain from 1
to 1000. It offers excellent stability over temperature,
– 100 dB, min at 5 kHz (G = 10)
even at G
> 1, as a result of the low gain drift of only
Power-Supply Rejection: 100 dB, min (G = 1)
35 ppm/
°C (max).
Low Offset Voltage: 150
µV, max
The
INA826
is
optimized
to
provide
excellent
Gain Drift: 1 ppm/
°C (G = 1), 35 ppm/°C (G > 1)
common-mode rejection ratio of over 100 dB (G = 10)
Noise: 18 nV/
√Hz, G ≥ 100
over frequencies up to 5 kHz. In G = 1, the
common-mode rejection ratio exceeds 84 dB across
Bandwidth: 1 MHz (G = 1), 60 kHz (G = 100)
the full input common-mode range from the negative
Inputs Protected up to
±40 V
supply all the way up to 1 V of the positive supply.
Rail-to-Rail Output
Using a rail-to-rail output, the INA826 is well-suited
for low voltage operation from a 2.7 V single supply
Supply Current: 200
µA
as well as dual supplies up to
±18 V.
Supply Range:
Additional
circuitry
protects
the
inputs
against
– Single Supply: +2.7 V to +36 V
overvoltage of up to
±40 V beyond the power
– Dual Supply: ±1.35 V to ±18 V
supplies by limiting the input currents to less than
Specified Temperature Range:
8 mA.
–40°C to +125°C
The INA826 is available in SO-8, MSOP-8, and tiny
Packages: MSOP-8, SO-8 and DFN-8
3-mm
× 3-mm DFN-8 surface-mount packages. All
versions are specified for the
–40°C to +125°C
APPLICATIONS
temperature range.
Industrial Process Controls
RELATED PRODUCTS
Circuit Breakers
DEVICE
DESCRIPTION
Battery Testers
25-
µV VOS, 0.1 µV/°C VOS drift, 1.8-V to 5-V, RRO,
INA333
50-
µA IQ, chopper-stabilized INA
ECG Amplifiers
20-mV to
±10-V programmable gain IA with 3-V or
Power Automation
PGA280
5-V differential output; analog supply up to
±18 V
Medical Instrumentation
G = 0.2 V differential amplifier for
±10-V to 3-V and
INA159
Portable Instrumentation
5-V conversion
Precision programmable gain op amp with SPI
PGA112
interface
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
PhotoMOS is a registered trademark of Panasonic Electric Works Europe AG.
4
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA826AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826AIDGK TI1-INA826AIDGK Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
INA826AIDGK TI1-INA826AIDGK Datasheet
1Mb / 43P
[Old version datasheet]   Supply Instrumentation Amplifier
INA826AIDGKR TI1-INA826AIDGKR Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
INA826AIDGKR TI1-INA826AIDGKR Datasheet
1Mb / 43P
[Old version datasheet]   Supply Instrumentation Amplifier
More results

Similar Description - INA826AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826_1112 TI-INA826_1112 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA826S TI1-INA826S Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-uA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
INA826 TI1-INA826_12 Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
[Old version datasheet]   36-V Precision, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com