Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA826AID Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA826AID
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA826AID Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA826AID Datasheet HTML 4Page - Texas Instruments INA826AID Datasheet HTML 5Page - Texas Instruments INA826AID Datasheet HTML 6Page - Texas Instruments INA826AID Datasheet HTML 7Page - Texas Instruments INA826AID Datasheet HTML 8Page - Texas Instruments INA826AID Datasheet HTML 9Page - Texas Instruments INA826AID Datasheet HTML 10Page - Texas Instruments INA826AID Datasheet HTML 11Page - Texas Instruments INA826AID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
0
4000
8000
12000
16000
20000
24000
28000
32000
Gain Error Drift (ppm/°C)
Wafer Probe Data
G052
0
2000
4000
6000
8000
10000
12000
14000
16000
Gain Error Drift (ppm/°C)
Wafer Probe Data
G051
−1
−0.5
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
Output Voltage (V)
VREF = 0 V
VREF = 1.35 V
VS = 2.7 V, G = 1
G035
−1
−0.5
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
Output Voltage (V)
VREF = 0 V
VREF = 1.35 V
VS = 2.7 V, G = 100
G036
−1
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Output Voltage (V)
VREF = 0 V
VREF = 2.5 V
VS = 5 V, G = 1
G034
−1
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Output Voltage (V)
VREF = 0 V
VREF = 2.5 V
VS = 5 V, G = 100
G037
INA826
SBOS562A
– AUGUST 2011 – REVISED SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1, unless otherwise noted.
TYPICAL GAIN ERROR DRIFT DISTRIBUTION
TYPICAL GAIN ERROR DRIFT DISTRIBUTION
(G = 1)
(G
> 1)
Figure 7.
Figure 8.
INPUT COMMON-MODE VOLTAGE vs OUTPUT VOLTAGE
INPUT COMMON-MODE VOLTAGE vs OUTPUT VOLTAGE
(Single Supply, VS = +2.7 V, G = 1)
(Single Supply, VS = +2.7 V, G = 100)
Figure 9.
Figure 10.
INPUT COMMON-MODE VOLTAGE vs OUTPUT VOLTAGE
INPUT COMMON-MODE VOLTAGE vs OUTPUT VOLTAGE
(Single Supply, VS = +5 V, G = 1)
(Single Supply, VS = +5 V, G = 100)
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): INA826


Similar Part No. - INA826AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826AID TI1-INA826AID Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
INA826AID TI1-INA826AID Datasheet
1Mb / 43P
[Old version datasheet]   Supply Instrumentation Amplifier
INA826AIDGK TI1-INA826AIDGK Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
INA826AIDGK TI1-INA826AIDGK Datasheet
1Mb / 43P
[Old version datasheet]   Supply Instrumentation Amplifier
INA826AIDGKR TI1-INA826AIDGKR Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
More results

Similar Description - INA826AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826_1112 TI-INA826_1112 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA826S TI1-INA826S Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-uA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
INA826 TI1-INA826_12 Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
[Old version datasheet]   36-V Precision, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com