Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8805DWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8805DWR
Description  UNIPOLAR STEPPER MOTOR DRIVER IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8805DWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8805DWR Datasheet HTML 3Page - Texas Instruments DRV8805DWR Datasheet HTML 4Page - Texas Instruments DRV8805DWR Datasheet HTML 5Page - Texas Instruments DRV8805DWR Datasheet HTML 6Page - Texas Instruments DRV8805DWR Datasheet HTML 7Page - Texas Instruments DRV8805DWR Datasheet HTML 8Page - Texas Instruments DRV8805DWR Datasheet HTML 9Page - Texas Instruments DRV8805DWR Datasheet HTML 10Page - Texas Instruments DRV8805DWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STEP
DIR
RESET
nENBL
nHOME
OUT1
OUT2
OUT3
OUT4
Lookup
Table
(translator)
Counter
SM0
SM1
RESET
CLK
DIR
3.3V
DRV8805
www.ti.com
SLVSAW3A
– JULY 2011 – REVISED JULY 2011
FUNCTIONAL DESCRIPTION
Output Drivers
The DRV8805 contains four protected low-side drivers. Each output has an integrated clamp diode connected to
a common pin, VCLAMP.
VCLAMP can be connected to the main power supply voltage, VM. It can also be connected to a zener or TVS
diode to VM, allowing the switch voltage to exceed the main supply voltage VM. This connection can be
beneficial when driving loads that require very fast current decay, such as unipolar stepper motors.
In all cases, the voltage on the outputs must not be allowed to exceed the maximum output voltage specification.
Indexer Operation
The DRV8805 integrates an indexer to allow motor control with a simple step and direction interface. Logically,
the indexer is shown in Figure 2.
Figure 2. Indexer Operation
Step Modes
The SM0 and SM1 pins select the stepping mode of the translator as shown in Table 2.
Table 2. Step Modes
SM1
SM0
MODE
0
0
2-phase drive (full step)
0
1
1-2 phase drive (half step)
1
0
1-phase excitation (wave drive)
1
1
Reserved
In all modes, during a fault condition, the STEP input will be ignored. See the Protection Circuits section below.
The sequence of the outputs is shown in Table 3 through Table 5.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DRV8805


Similar Part No. - DRV8805DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8805DWR TI1-DRV8805DWR Datasheet
780Kb / 19P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
More results

Similar Description - DRV8805DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8805 TI1-DRV8805_12 Datasheet
780Kb / 19P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
DRV8805 TI-DRV8805_15 Datasheet
970Kb / 21P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
logo
List of Unclassifed Man...
EDE1200 ETC1-EDE1200 Datasheet
222Kb / 6P
   Unipolar Stepper Motor IC
logo
Sanken electric
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
   Unipolar Stepper Motor Driver
logo
Shindengen Electric Mfg...
MTD1121F SHINDENGEN-MTD1121F Datasheet
84Kb / 5P
   Unipolar PWM Stepper Motor Driver
logo
Sanken electric
SI-7500A SANKEN-SI-7500A Datasheet
52Kb / 4P
   5-phase Stepper Motor Star Connection Unipolar Driver IC
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
logo
Allegro MicroSystems
SLA7052M ALLEGRO-SLA7052M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
logo
Sanken electric
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com