Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8803 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8803
Description  QUAD LOW-SIDE DRIVER IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8803 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8803 Datasheet HTML 5Page - Texas Instruments DRV8803 Datasheet HTML 6Page - Texas Instruments DRV8803 Datasheet HTML 7Page - Texas Instruments DRV8803 Datasheet HTML 8Page - Texas Instruments DRV8803 Datasheet HTML 9Page - Texas Instruments DRV8803 Datasheet HTML 10Page - Texas Instruments DRV8803 Datasheet HTML 11Page - Texas Instruments DRV8803 Datasheet HTML 12Page - Texas Instruments DRV8803 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
P = R
DS(ON) · (I
)
OUT
2
DRV8803
www.ti.com
SLVSAW5A
– JULY 2011 – REVISED JULY 2011
THERMAL INFORMATION
Thermal Protection
The DRV8803 has thermal shutdown (TSD) as described above. If the die temperature exceeds approximately
150
°C, the device will be disabled until the temperature drops to a safe level.
Any tendency of the device to enter TSD is an indication of either excessive power dissipation, insufficient
heatsinking, or too high an ambient temperature.
Power Dissipation
Power dissipation in the DRV8803 is dominated by the power dissipated in the output FET resistance, or
RDS(ON). Average power dissipation of each FET when running a static load can be roughly estimated by
Equation 1:
(1)
where P is the power dissipation of one FET, RDS(ON) is the resistance of each FET, and IOUT is equal to the
average current drawn by the load. Note that at start-up and fault conditions this current is much higher than
normal running current; these peak currents and their duration also need to be taken into consideration. When
driving more than one load simultaneously, the power in all active output stages must be summed.
The maximum amount of power that can be dissipated in the device is dependent on ambient temperature and
heatsinking.
Note that RDS(ON) increases with temperature, so as the device heats, the power dissipation increases. This must
be taken into consideration when sizing the heatsink.
Heatsinking
The DRV8803 package uses a standard SOIC outline, but has the center pins internally fused to the die pad in
order to more efficiently remove heat from the device. The two center leads on each side of the package should
be connected together to as large a copper area on the PCB as is possible to remove heat from the device. If the
copper area is on the opposite side of the PCB from the device, thermal vias are used to transfer the heat
between top and bottom layers.
In general, the more copper area that can be provided, the more power can be dissipated.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DRV8803


Similar Part No. - DRV8803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8803 TI1-DRV8803 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8803/04/05/06 Evaluation Module
DRV8803 TI-DRV8803 Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803DW TI-DRV8803DW Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803DW TI1-DRV8803DW Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
DRV8803DWR TI-DRV8803DWR Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
More results

Similar Description - DRV8803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8803 TI-DRV8803_15 Datasheet
933Kb / 20P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
DRV8803PWP TI-DRV8803PWP Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI1-DRV8806 Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806PWP TI1-DRV8806PWP Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com