Electronic Components Datasheet Search |
|
DRV8802 Datasheet(PDF) 11 Page - Texas Instruments |
|
|
DRV8802 Datasheet(HTML) 11 Page - Texas Instruments |
11 / 18 page P = R (I ) 2 · · DS(ON) OUT 2 DRV8802 www.ti.com SLVSAM9A – APRIL 2011 – REVISED JUNE 2011 THERMAL INFORMATION Thermal Protection The DRV8802 has thermal shutdown (TSD) as described above. If the die temperature exceeds approximately 150 °C, the device will be disabled until the temperature drops to a safe level. Any tendency of the device to enter TSD is an indication of either excessive power dissipation, insufficient heatsinking, or too high an ambient temperature. Power Dissipation Power dissipation in the DRV8802 is dominated by the power dissipated in the output FET resistance, or RDS(ON). Average power dissipation of each H-bridge when running a DC motor can be roughly estimated by Equation 2. (2) where P is the power dissipation of one H-bridge, RDS(ON) is the resistance of each FET, and IOUT is the RMS output current being applied to each winding. IOUT is equal to the average current drawn by the DC motor. Note that at start-up and fault conditions this current is much higher than normal running current; these peak currents and their duration also need to be taken into consideration. The factor of 2 comes from the fact that at any instant two FETs are conducting winding current (one high-side and one low-side). The total device dissipation will be the power dissipated in each of the two H-bridges added together. The maximum amount of power that can be dissipated in the device is dependent on ambient temperature and heatsinking. Note that RDS(ON) increases with temperature, so as the device heats, the power dissipation increases. This must be taken into consideration when sizing the heatsink. Heatsinking The PowerPAD ™ package uses an exposed pad to remove heat from the device. For proper operation, this pad must be thermally connected to copper on the PCB to dissipate heat. On a multi-layer PCB with a ground plane, this can be accomplished by adding a number of vias to connect the thermal pad to the ground plane. On PCBs without internal planes, copper area can be added on either side of the PCB to dissipate heat. If the copper area is on the opposite side of the PCB from the device, thermal vias are used to transfer the heat between top and bottom layers. For details about how to design the PCB, refer to TI application report SLMA002, " PowerPAD ™ Thermally Enhanced Package" and TI application brief SLMA004, " PowerPAD ™ Made Easy", available at www.ti.com. In general, the more copper area that can be provided, the more power can be dissipated. Copyright © 2011, Texas Instruments Incorporated 11 |
Similar Part No. - DRV8802 |
|
Similar Description - DRV8802 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |