Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-13229 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-13229
Description  U Interface Transformer (2B1Q Coding Applications)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-13229 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-13229 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
www.rhombus-ind.com
1 of 1
7/2/96
T-13229
U Interface Transformer (2B1Q Coding Applications)
Designed for use with AMD AM 2091 (C), Siemens PEB 2091 (C1)
PARAMETER
MIN.
MAX.
UNITS
Primary Inductance (Line Side) 1
13.63
15.37
mH
Pins 7 to 5 with 8 & 6 shorted.
Primary DC Resistance
3.5
ohms
Secondary DC Resistance
3.0
ohms
Isolation (Hi-Pot)
2000
V
RMS
DC Bias
60
mA
Return Loss 10KHz & 25 KHz
20
dB
Longitudinal Balance
(281 Hz to 40 kHz)
55
dB
Turns Ratio (
+ 3 % ) (Line : Chip)
1.60 : 1
NOTE:
1. Tested @10 kHz / 700 mV, on Line Side
Operating Temp. Range -400C to +850C
Primary is Line Side (Pins 5,8,6,7)
Secondary is Chip Side (Pins 2,11)
Surge Voltage Capability
Metallic Voltage: 800 V peak, 10/560
µS
Longitudinal Voltage: 2400 V peak, 10/700
µS
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Physical Dimensions
inches (mm)
RM-8 Package
Chip
Side
2
11
5
8
6
7
Line
Side
Schematic


Similar Part No. - T-13229

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-13229 RHOMBUS-IND-T-13229 Datasheet
104Kb / 1P
   ISDN U-Interface Transformers
More results

Similar Description - T-13229

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-13209 RHOMBUS-IND-T-13209 Datasheet
35Kb / 1P
   U Interface Transformer (2B1Q Coding Applications)
T-13227 RHOMBUS-IND-T-13227 Datasheet
93Kb / 1P
   U Interface Transformer (2B1Q Coding Applications)
T-13221G RHOMBUS-IND-T-13221G Datasheet
27Kb / 1P
   U Interface Transformer (2B1Q Coding Applications)
T-13210 RHOMBUS-IND-T-13210 Datasheet
35Kb / 1P
   U Interface Transformer (2B1Q Coding Applications)
T-13222G RHOMBUS-IND-T-13222G Datasheet
26Kb / 1P
   U Interface Transformer (2B1Q Coding Applications)
T-13230 RHOMBUS-IND-T-13230 Datasheet
93Kb / 1P
   U Interface Transformer (2B1Q Coding Applications)
T-13221 RHOMBUS-IND-T-13221 Datasheet
35Kb / 1P
   U Interface Transformer (2B1Q Coding Applications)
T-13219 RHOMBUS-IND-T-13219 Datasheet
35Kb / 1P
   U Interface Transformer (2B1Q Coding Applications)
T-13214 RHOMBUS-IND-T-13214 Datasheet
35Kb / 1P
   U Interface Transformer (2B1Q Coding Applications)
T-13222 RHOMBUS-IND-T-13222 Datasheet
35Kb / 1P
   U Interface Transformer (2B1Q Coding Applications)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com