Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3FS6 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # D3FS6
Description  Schottky Rectifiers (SBD) (60V 3A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D3FS6 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  D3FS6 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D3FS6 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D3FS6 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D3FS6 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D3FS6 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D3FS6 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D3FS6 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd D3FS6 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd D3FS6 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Forward Voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.1
1
10
D3FS6
Tl=150
°C [MAX]
Tl=25
°C [MAX]
Pulse measurement per diode
Tl=150
°C [TYP]
Tl=25
°C [TYP]
Forward Voltage VF [V]


Similar Part No. - D3FS6

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3FS6 SHINDENGEN-D3FS6_10 Datasheet
544Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - D3FS6

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DE3S6M SHINDENGEN-DE3S6M Datasheet
599Kb / 11P
   Schottky Rectifiers (SBD) (60V 3A)
D3S6M SHINDENGEN-D3S6M Datasheet
582Kb / 11P
   Schottky Rectifiers (SBD) (60V 3A)
D3S4M SHINDENGEN-D3S4M Datasheet
543Kb / 10P
   Schottky Rectifiers (SBD) (40V 3A)
DE3S4M SHINDENGEN-DE3S4M Datasheet
577Kb / 10P
   Schottky Rectifiers (SBD) (40V 3A)
S60SC6M SHINDENGEN-S60SC6M Datasheet
556Kb / 10P
   Schottky Rectifiers (SBD)(60V 60A)
D240SC6M SHINDENGEN-D240SC6M Datasheet
16Kb / 1P
   Schottky Rectifiers (SBD) (60V 240A)
D25SC6MR SHINDENGEN-D25SC6MR Datasheet
543Kb / 10P
   Schottky Rectifiers (SBD) (60V 25A)
D5S6M SHINDENGEN-D5S6M Datasheet
696Kb / 11P
   Schottky Rectifiers (SBD) (60V 5A)
DE5S6M SHINDENGEN-DE5S6M Datasheet
744Kb / 12P
   Schottky Rectifiers (SBD) (60V 5A)
DF25SC6M SHINDENGEN-DF25SC6M Datasheet
533Kb / 10P
   Schottky Rectifiers (SBD) (60V 25A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com