Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D30SC4 Datasheet(PDF) 6 Page - Shindengen Electric Mfg.Co.Ltd

Part # D30SC4
Description  Schottky Rectifiers (SBD) (40V 30A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D30SC4 Datasheet(HTML) 6 Page - Shindengen Electric Mfg.Co.Ltd

Back Button D30SC4 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D30SC4 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D30SC4 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D30SC4 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D30SC4 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D30SC4 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd D30SC4 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd D30SC4 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd D30SC4 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
0
tp
IO
T
D=tp/T
0
5
10
15
20
25
30
0
10
20
30
40
50
D30SC4M
0.3
Forward Power Dissipation
Tj = 150
°C
SIN
0.2
0.1
D=0.8
DC
0.5
0.05
Average Rectified Forward Current IO [A]


Similar Part No. - D30SC4

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D30SC4M SHINDENGEN-D30SC4M_10 Datasheet
477Kb / 2P
   Schottky Barrier Diode
D30SC4M SHINDENGEN-D30SC4M_17 Datasheet
161Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - D30SC4

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF30SC4M SHINDENGEN-DF30SC4M Datasheet
535Kb / 10P
   Schottky Rectifiers (SBD) (40V 30A)
SF30SC4 SHINDENGEN-SF30SC4 Datasheet
555Kb / 10P
   Schottky Rectifiers (SBD) (40V 30A)
S30SC4M SHINDENGEN-S30SC4M Datasheet
533Kb / 10P
   Schottky Rectifiers (SBD) (40V 30A)
S60SC4M SHINDENGEN-S60SC4M Datasheet
643Kb / 10P
   Schottky Rectifiers (SBD) (40V 30A)
SF30SC3L SHINDENGEN-SF30SC3L Datasheet
597Kb / 10P
   Schottky Rectifiers (SBD) (30V 30A)
SF30SC6 SHINDENGEN-SF30SC6 Datasheet
560Kb / 10P
   Schottky Rectifiers (SBD) (60V 30A)
DF30PC3M SHINDENGEN-DF30PC3M Datasheet
546Kb / 8P
   Schottky Rectifiers (SBD) (30V 30A)
S10SC4M SHINDENGEN-S10SC4M Datasheet
566Kb / 10P
   Schottky Rectifiers (SBD) (40V 10A)
S20SC4M SHINDENGEN-S20SC4M Datasheet
592Kb / 10P
   Schottky Rectifiers (SBD) (40V 20A)
D10SC4MR SHINDENGEN-D10SC4MR Datasheet
694Kb / 11P
   Schottky Rectifiers (SBD) (40V 10A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com