Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-10501 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-10501
Description  ISDN S-Interface Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-10501 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-10501 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
14
ISDNDUAL - 4/99
Meets the Pulse Waveform Template
of CCITT I.430when recommended
Transformer & Chip pair are used.
Excellent Longitudinal Balance
2000V & 4000V RMS min. Isolation Versions
ISDN S-Interface
Transformers
Dual - Transmit / Receive
Electrical Specifications (3,4) at 25OC
4000V
RMS
2000V
RMS
OCL
(1, 2)
L
L
Cw/w
CD pri
DCR pri
DCR sec
Isolation
Isolation
Transmit
Ratio
Pri. min.
Sec. max.
max.
max.
+ 15%
+ 15%
SMD P/N
SMD P/N
Receive
( + 2%)
( mH )
(
µH )
( pF )
( pF )
(
Ω )
(
Ω )
T-10550
T-10500
T
1:2
22
15
100
80
2.3
4.0
R
1:1
22
5
100
40
2.4
2.4
T-10551
T-10501
T
1:1
22
5
100
40
2.4
2.4
R
1:1
22
5
100
40
2.4
2.4
T-10552
T-10502
T
1:1.8
22
15
100
140
2.5
4.2
R
1:2.5
22
30
100
150
2.5
5.8
T-10553
T-10503
T
1:2
22
15
100
80
2.3
4.0
R
1:2
22
15
100
80
2.3
4.0
T-10554
T-10504
T
1:2.5
22
15 - 40
100
110
2.5
5.8
R
1:2.5
22
15 - 40
100
110
2.5
5.8
T-10555
T-10505
T
1:2
22
11
100
180
2.5
5.0
R
1:2
22
11
100
180
2.5
5.0
T-10556
T-10506
T
1:2.5
22
4
100
100
2.3 max.
5.8 max.
(2400V
RMS Isolation)
R
1:2.5
22
4
100
100
2.3 max.
5.8 max.
Schematic T-10506 & T-10556
Schematic T-10500 thru T-10505
and T-10550 thru T-10555
1) Primary is Line Side
2) OCL @10 KHz and 700 mV, except
T-10506, T-10556 voltage is 500mV
3) Unbalanced current
at TE:
∆ Idc = 1 mA max.
4) Longitudinal Conversion Loss:
10 kHz to 300 kHz is 60dB min.
T-1050
X 2000V Series
UL 1459 Recognized
R
R
Package Dimensions in Inches (mm)


Similar Part No. - T-10501

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-10501 RHOMBUS-IND-T-10501 Datasheet
28Kb / 1P
   ISDN S-Interface Dual Transformer
More results

Similar Description - T-10501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT-S300C ETC1-LT-S300C Datasheet
34Kb / 1P
   ISDN S -Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1226 PCA-EPR1226 Datasheet
109Kb / 1P
   ISDN-S Interface Transformers
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550 Datasheet
38Kb / 1P
   ISDN S-Interface Transformers
logo
List of Unclassifed Man...
LT-S200C ETC1-LT-S200C Datasheet
35Kb / 1P
   ISDN S -Interface Transformers
logo
Rhombus Industries Inc.
T-10400 RHOMBUS-IND-T-10400 Datasheet
58Kb / 1P
   ISDN S-Interface Transformers
logo
Pulse A Technitrol Comp...
PE-64995NL PULSE-PE-64995NL Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
XFMRS Inc.
XF02234A XFMRS-XF02234A Datasheet
54Kb / 1P
   ISDN S INTERFACE TRANSFORMERS
logo
Pulse A Technitrol Comp...
PE-65793T PULSE-PE-65793T Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
XFMRS Inc.
XF0053-01S XFMRS-XF0053-01S Datasheet
51Kb / 1P
   ISDN S-INTERFACE TRANSFORMERS
XF0053-01S XFMRS-XF0053-01S_15 Datasheet
50Kb / 1P
   ISDN S-INTERFACE TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com