Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

082-8003-400 Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # 082-8003-400
Description  RF Level Transmitter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

082-8003-400 Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button 082-8003-400 Datasheet HTML 5Page - Magnetrol International, Inc. 082-8003-400 Datasheet HTML 6Page - Magnetrol International, Inc. 082-8003-400 Datasheet HTML 7Page - Magnetrol International, Inc. 082-8003-400 Datasheet HTML 8Page - Magnetrol International, Inc. 082-8003-400 Datasheet HTML 9Page - Magnetrol International, Inc. 082-8003-400 Datasheet HTML 10Page - Magnetrol International, Inc. 082-8003-400 Datasheet HTML 11Page - Magnetrol International, Inc. 082-8003-400 Datasheet HTML 12Page - Magnetrol International, Inc. 082-8003-400 Datasheet HTML 13Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
50-613 Kotron Series 82 CE RF Level Transmitter
6
1.6
Wiring
The wiring directions are different depending upon the
configuration of your particular transmitter. Choose the
appropriate configuration from the following sections and
follow the directions carefully.
1.6.1 Two-Wire Transmitter without Meter
WARNING: These units are designed to operate with voltages
between 14 VDC and 40 VDC only. Application of 120
VAC will destroy the transmitter.
Caution: All power must be turned off until all of the wiring connec-
tions have been made.
All wiring between the power supply and the transmitter
should be done with 16 AWG to 22 AWG shielded twisted
pair. The connection is made at the terminal strip within
the transmitter enclosure.
1. Remove the transmitter housing cover. Pull the power
supply wires through the conduit connection.
2. Connect the positive supply wire to the (+) terminal and
the negative supply wire to the (–) terminal. Connect the
shield to the green ground screw at the base of the hous-
ing. Make the shield wire as short as possible. Refer to
Figure 3 on page 3, and Figure 5.
3. Replace the transmitter housing cover until calibration.
4. Connect the positive supply wire to the positive terminal
on the power source. Connect the negative supply wire to
the negative terminal on the power source. Connect the
shield to the power source’s ground terminal and apply
power. The yellow LED on the potted module should be on.
5. Proceed to Calibration, Section 1.7.
1.6.2 Two-Wire Transmitter with Meter
WARNING: These units are designed to operate with voltages
between 14 VDC and 40 VDC only. Application of 120
VAC will destroy the transmitter.
Caution: All power must be turned off until all of the wiring connec-
tions have been made.
All wiring between the power supply and the transmitter
should be done with 16 AWG to 22 AWG shielded twisted
pair. The connection is made at the terminal strip within
the transmitter enclosure.
1. Remove the meter housing cover.
2. Remove the two screws holding the meter bracket to the
housing. Pull the meter gently out of the housing, being
careful not to disturb the wiring. Lay it on one side.
Power
Source
14-40 VDC
Shielded
Twisted
Pair Cable
4-20 mA
Meter
Auxiliary
Current
Meter
– +
+
+
Green Ground
Screw
+
+
TP1
TP2
Figure 5


Similar Part No. - 082-8003-400

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
082-803-400 MAGNETROL-082-803-400 Datasheet
121Kb / 6P
   Kotron짰 Model 82 CE RF Level Transmitter
More results

Similar Description - 082-8003-400

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
804-R010-230 MAGNETROL-804-R010-230 Datasheet
162Kb / 8P
   Kotron짰 Sentinel Model 804 RF Level Transmitter
805-501A-111 MAGNETROL-805-501A-111 Datasheet
757Kb / 36P
   KOTRON짰 MODEL 805 SMART RF LEVEL TRANSMITTER
805-501A-110 MAGNETROL-805-501A-110 Datasheet
196Kb / 4P
   Kotron짰 Model 805 Smart RF Level Transmitter
082-803-400 MAGNETROL-082-803-400 Datasheet
121Kb / 6P
   Kotron짰 Model 82 CE RF Level Transmitter
logo
Fuji Electric
EDSX7-66H FUJI-EDSX7-66H Datasheet
266Kb / 12P
   LEVEL TRANSMITTER
EDSX7-60J FUJI-EDSX7-60J Datasheet
166Kb / 12P
   LEVEL TRANSMITTER
logo
Magnetrol International...
804-R010-330 MAGNETROL-804-R010-330 Datasheet
456Kb / 32P
   Kotron짰 Sentinel II Model 804 RF Level Transmitter
logo
List of Unclassifed Man...
TWS-434 ETC2-TWS-434 Datasheet
223Kb / 2P
   RF TRANSMITTER
logo
Cynergy3 Co
ILS CYNERGY3-ILS Datasheet
56Kb / 2P
   Submersible Level Transmitter
ILSU CYNERGY3-ILSU Datasheet
60Kb / 2P
   Submersible Level Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com