Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

815222322 Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # 815222322
Description  RF Point Level Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

815222322 Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button 815222322 Datasheet HTML 7Page - Magnetrol International, Inc. 815222322 Datasheet HTML 8Page - Magnetrol International, Inc. 815222322 Datasheet HTML 9Page - Magnetrol International, Inc. 815222322 Datasheet HTML 10Page - Magnetrol International, Inc. 815222322 Datasheet HTML 11Page - Magnetrol International, Inc. 815222322 Datasheet HTML 12Page - Magnetrol International, Inc. 815222322 Datasheet HTML 13Page - Magnetrol International, Inc. 815222322 Datasheet HTML 14Page - Magnetrol International, Inc. 815222322 Datasheet HTML 15Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
50-605 Kotron RF Point Model 80/81 Level Switches
8
Caution: Check probe terminal connection carefully to be certain
lug will not short to packing gland or interfere with assem-
bly of amplifier housing to probe.
19. Proceed to Section 2.7, Wiring.
2.6
Electrostatic Discharge (ESD)
Handling Procedure
Magnetrol’s electronic instruments are manufactured to
the highest quality standards. These instruments utilize
electronic components which may be damaged by static
electricity present in most work environments. The
following steps are recommended to reduce the risk of
component failure due to electrostatic discharge:
1. Ship and store circuit boards in anti-static bags. If an
anti-static bag is not available, wrap board in aluminum
foil. Do not place boards on foam packing materials.
2. Use a grounding wrist strap when installing and
removing circuit boards. A grounded workstation is
also recommended.
3. Handle printed circuit boards only by the edges. Do not
touch components or connector pins.
4. Ensure that all electrical connections are completely made
and none are partial or floating. Ground all equipment to
a good, earth ground.
2.7
Wiring
2.7.1 Integral Mount Models
Light gauge (16 AWG or 18 AWG) stranded wire should
be used for connection of power and control circuits.
2.7.1.1 Relay Wiring
See Section 2.7.3, Relay Wiring Chart on page 10 for
different relay wiring options.
2.7.1.2 Power Wiring
1. Make sure power source is turned off.
2. Pull power supply wires through conduit connection.
3. Connect AC power to AC(+), AC(–) and GND terminals.
Connect DC power to DC(+) and GND terminals. Refer
to Section 3.4, Terminal Connections on page 21.
4. Dress the wires together neatly and securely with cable ties.
Be certain that adequate clearance exists for replacement of
housing cover.


Similar Part No. - 815222322

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8152201 FESTO-8152201 Datasheet
95Kb / 2P
   Proximity switch
1/21/22
More results

Similar Description - 815222322

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
80-5212-302 MAGNETROL-80-5212-302 Datasheet
126Kb / 4P
   Kotron짰 RF Point Level Switches
822-1000-C00 MAGNETROL-822-1000-C00 Datasheet
211Kb / 8P
   Kotron짰 Sentinel Models 822, 832 and 842 RF Point Level Switches
961-20A0-010 MAGNETROL-961-20A0-010 Datasheet
1,002Kb / 36P
   Ultrasonic Single and Dual Point Level Switches
810-0105-D01 MAGNETROL-810-0105-D01 Datasheet
135Kb / 4P
   Kotron짰 Model 810 RF Point Level Switch
811-1005-E01 MAGNETROL-811-1005-E01 Datasheet
769Kb / 28P
   Kotron짰 Model 811 RF Point Level Sensor
810-0005-D01 MAGNETROL-810-0005-D01 Datasheet
257Kb / 16P
   Kotron짰 Model 810 RF Point Level Sensor
811-1005-E00 MAGNETROL-811-1005-E00 Datasheet
201Kb / 8P
   Kotron짰 Model 811 RF Point Level Switch
logo
Cynergy3 Co
FCNM CYNERGY3-FCNM Datasheet
725Kb / 2P
   Fluid Level switches
logo
Magnetrol International...
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com