Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

815222322 Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # 815222322
Description  RF Point Level Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

815222322 Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button 815222322 Datasheet HTML 5Page - Magnetrol International, Inc. 815222322 Datasheet HTML 6Page - Magnetrol International, Inc. 815222322 Datasheet HTML 7Page - Magnetrol International, Inc. 815222322 Datasheet HTML 8Page - Magnetrol International, Inc. 815222322 Datasheet HTML 9Page - Magnetrol International, Inc. 815222322 Datasheet HTML 10Page - Magnetrol International, Inc. 815222322 Datasheet HTML 11Page - Magnetrol International, Inc. 815222322 Datasheet HTML 12Page - Magnetrol International, Inc. 815222322 Datasheet HTML 13Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
50-605 Kotron RF Point Model 80/81 Level Switches
6
2.5.3 Remote Mount with Rigid Probe
2.5.3.1 Main Amplifier
Remote amplifier assemblies are normally shipped from
the factory assembled into an “L” mounting bracket.
Refer to Figure 8 while following instructions.
1. Remove amplifier from mounting bracket.
2. Install bracket in a location which will isolate unit from
temperatures below -40° F (-40° C) and over +160° F
(+71° C) or vibration/mechanical damage. Unit can be
mounted up to 5000 feet (1500 meters) from probe
assembly. Location should also offer easy access for wiring,
calibration and maintenance.
3. Re-install amplifier onto mounting bracket.
4. Screw housing on mounting bracket until hand tight.
Housing can be wrench tightened to align conduit
connection with conduit.
2.5.3.2 Preamplifier
1. Thread probe into mounting bushing on tank.
2. Tighten securely being certain that the wrench is applied
ONLY to the lower probe nut. Refer to Figure 8.
3. Screw the preamplifier housing onto the probe. Refer to
Figure 8.
4. Screw housing on probe until hand tight. Housing can be
wrench-tightened to align conduit connection with con-
duit. Proceed to Section 2.7, Wiring on page 8.
2.5.4 Remote Mount with Flexible Probe
2.5.4.1 Main Amplifier
Remote amplifier assemblies are normally shipped from
the factory assembled into an “L” mounting bracket.
Refer to Figure 8 while following instructions.
1. Remove amplifier from mounting bracket.
2. Install bracket in a location which will isolate unit from
temperatures below -40° F (-40° C) and over +160° F
(+71° C) or vibration/mechanical damage. Unit can be
mounted up to 5000 feet (1500 meters) from probe
assembly. Location should also offer easy access for wiring,
calibration and maintenance.
3. Re-install amplifier onto mounting bracket.
4. Screw housing on mounting bracket until hand tight.
Housing can be wrench-tightened to align conduit
connection with conduit.
Amplifier
Housing
Probe
Terminal
Power
Wire
Conduit Supplied
By User
Conduit Supplied
By User
Shielded
Twisted
Pair
Mounting
Bracket
Probe
Housing
Packing
Gland
Nut
Probe
Connection
Screw
Rigid or
Flexible
Probe
Figure 8
Side View Remote Mount Models
with Rigid or Flexible Probe


Similar Part No. - 815222322

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8152201 FESTO-8152201 Datasheet
95Kb / 2P
   Proximity switch
1/21/22
More results

Similar Description - 815222322

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
80-5212-302 MAGNETROL-80-5212-302 Datasheet
126Kb / 4P
   Kotron짰 RF Point Level Switches
822-1000-C00 MAGNETROL-822-1000-C00 Datasheet
211Kb / 8P
   Kotron짰 Sentinel Models 822, 832 and 842 RF Point Level Switches
961-20A0-010 MAGNETROL-961-20A0-010 Datasheet
1,002Kb / 36P
   Ultrasonic Single and Dual Point Level Switches
810-0105-D01 MAGNETROL-810-0105-D01 Datasheet
135Kb / 4P
   Kotron짰 Model 810 RF Point Level Switch
811-1005-E01 MAGNETROL-811-1005-E01 Datasheet
769Kb / 28P
   Kotron짰 Model 811 RF Point Level Sensor
810-0005-D01 MAGNETROL-810-0005-D01 Datasheet
257Kb / 16P
   Kotron짰 Model 810 RF Point Level Sensor
811-1005-E00 MAGNETROL-811-1005-E00 Datasheet
201Kb / 8P
   Kotron짰 Model 811 RF Point Level Switch
logo
Cynergy3 Co
FCNM CYNERGY3-FCNM Datasheet
725Kb / 2P
   Fluid Level switches
logo
Magnetrol International...
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com