Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

815212322 Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # 815212322
Description  RF Point Level Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

815212322 Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button 815212322 Datasheet HTML 2Page - Magnetrol International, Inc. 815212322 Datasheet HTML 3Page - Magnetrol International, Inc. 815212322 Datasheet HTML 4Page - Magnetrol International, Inc. 815212322 Datasheet HTML 5Page - Magnetrol International, Inc. 815212322 Datasheet HTML 6Page - Magnetrol International, Inc. 815212322 Datasheet HTML 7Page - Magnetrol International, Inc. 815212322 Datasheet HTML 8Page - Magnetrol International, Inc. 815212322 Datasheet HTML 9Page - Magnetrol International, Inc. 815212322 Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
3
50-605 Kotron RF Point Model 80/81 Level Switches
2.2.2 Tanks/Silos w/Non-Conductive
Materials of Construction
With plastic, concrete, wood, or any other non-conductive
walled vessels, the reference electrode mentioned above
needs clarification. Most commonly, this electrode will be
in the form of a concentric ground tube (i.e. stilling well).
In questionable circumstances, consult the factory. In all
cases, a good electrical connection must be made between
the ground surface and the probe housing.
NOTE: These comments also apply for glass-lined metal walled
tanks.
Caution: When an insulated probe is used in a hazardous and/or
abrasive medium, the probe should be inspected annually
for any nicks, cuts or abrasions which may ruin the integrity
of the insulation. In the event that wear is found, replace
the probe or consult the factory for further instructions.
This procedure is critical in vessels containing hazardous
media.
2.3
Horizontal Mounting
2.3.1 Narrow Differential Single Point Units Only
Horizontally mounted probes provide a high degree of
sensitivity for use with non-conductive liquids as only
approximately 0.625" of level change is required to com-
pletely cover (or uncover) the probe.
Horizontally mounted probe rods should be installed so
that the rod is parallel to and at the level at which control
point is desired. Refer to Figure 1.
Avoid any installation method in which the material may
become trapped in the mounting nozzle, thus preventing
probe from signaling when level recedes. Refer to Figure 2.
NOTE: If nozzle mounting is unavoidable, probe must be installed
with an inactive metal sheath having a length at least 1 inch
(25 mm) greater than length of nozzle. Sheath is required to
render length of probe within nozzle insensitive to capacitance
change. Refer to Figure 3.
On applications involving viscous liquids or materials which
tend to cling or buildup, horizontal mounting probes should be
installed at a slight downward angle to allow material to drain
from probe rod. With this type installation, packing gland face
of probe assembly should extend into the tank (or vessel).
Refer to Figure 4.
Figure 1
Recommended Horizontal Mounting
Probe Sheath
1" (25 mm) minimum
Figure 2
Recommended Mounting with Nozzle
Probe Sheath
Figure 3
Not Recommended
Figure 4
Alternate Horizontal Mounting
for Viscous Materials


Similar Part No. - 815212322

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8152 FILTRAN-8152 Datasheet
268Kb / 2P
   T1/CEPT Quad Port T1/E1
logo
List of Unclassifed Man...
8152 ETC1-8152 Datasheet
30Kb / 1P
   Diagonal cutters oval
logo
Festo Corporation.
8152201 FESTO-8152201 Datasheet
95Kb / 2P
   Proximity switch
1/21/22
More results

Similar Description - 815212322

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
80-5212-302 MAGNETROL-80-5212-302 Datasheet
126Kb / 4P
   Kotron짰 RF Point Level Switches
822-1000-C00 MAGNETROL-822-1000-C00 Datasheet
211Kb / 8P
   Kotron짰 Sentinel Models 822, 832 and 842 RF Point Level Switches
961-20A0-010 MAGNETROL-961-20A0-010 Datasheet
1,002Kb / 36P
   Ultrasonic Single and Dual Point Level Switches
810-0105-D01 MAGNETROL-810-0105-D01 Datasheet
135Kb / 4P
   Kotron짰 Model 810 RF Point Level Switch
811-1005-E01 MAGNETROL-811-1005-E01 Datasheet
769Kb / 28P
   Kotron짰 Model 811 RF Point Level Sensor
810-0005-D01 MAGNETROL-810-0005-D01 Datasheet
257Kb / 16P
   Kotron짰 Model 810 RF Point Level Sensor
811-1005-E00 MAGNETROL-811-1005-E00 Datasheet
201Kb / 8P
   Kotron짰 Model 811 RF Point Level Switch
logo
Cynergy3 Co
FCNM CYNERGY3-FCNM Datasheet
725Kb / 2P
   Fluid Level switches
logo
Magnetrol International...
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com