Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


T-10352 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10352
Description  Digital Audio
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
34
DIGAUDIO - 2/98
T-10252 & T-10352
SCHEMATIC
5
3
1
6
4
2
PRI.
SEC.
T-10247 & T10347
SCHEMATIC
PRI.
SEC.
2
1
4
3
Digital Audio
Data Transmission
Transformers
These Transformers provide excellent DC
isolation and common mode noise rejection
Designed to improve and maintain the balance
of the transmitter and receiver circuitry.
Designed for low cost.
High voltage isolation
Available in Surface Mount Versions
Custom Designs and Variations
of these transformers available
Electrical Specifications at 25OC
1. @ 1MHz in 100
Ω System
2.
T-10247: For Use with Crystal Semiconductor's
integrated circuits CS8401, CS8402.
For Surface Mount Version Order Part Number T-10347
3.
T-10252: For Use with Echelon Neuron integrated circuits 3120
and 3150 Chips produced by Motorola and Toshiba.
For Surface Mount Version Order Part Number T-10352
Flammability: Materials used in the
production of these units meet requirements
of UL94-VO & IEC 695-2-2 needle flame test.
Turns Ratio
1:1
+ 5%
1CT:1CT + 5%
Inductance
100 kHz & 0.1V
RMS
2.5 + 20%
5.0 + 30%
mH
Leakage Inductance
100 kHz & 0.1V
RMS
0.5 max.
1.2 max.
µH
Rise Time
25 max.
25 max.
nS
DC Resistance
0.7 max.
1.0 max.
Isolation (HI-POT)
2000 min.
2000 min.
V
RMS
ET Product
20
25
V
µS
Common Mode Rejection (1)
70 min.
70 typ.
dB
Return Loss
100Hz to 100kHz
15 min.
15 typ.
dB
Operating Temperature Range
-400 to +850
00 to +7000C
"T6" Package P/N
T-10247 (2)
T-10252 (3)
Parameter
SMD Package P/N
T-10347
T-10352
Units
"T6" Package
T-10247 & T-10252
Surface Mount Package
T-10347& T-10352
Tape & Reel Available
MAX.
.260
(6.60)
MAX.
.300
(7.62)
MAX.
.410
.020
(0.51)
.100
(2.54)
TYP.
.010
(0.25)
.510 (12.95)
.480 (12.19)
MAX.
.410
(10.41)
.040
(1.02)
TYP.
TYP.
(10.41)
TYP.
Parts shipped in anti-static tubes.
50 pieces per tube
.350
(8.89)
MAX.
.250
MAX.
(6.35)
.080
(2.03)
.020 DIA.
(0.51)
TYP.
.120
(3.05)
MIN.
.100
(2.54)
TYP.
.500
(12.70)
MAX.
.340
(8.64)
.400
(10.16)
Physical Dimensions
in inches (mm)
(Unused Pins Omitted)
For Complete Details including
PDF Catalogs & Data Sheets on this
and other product families visit
www.rhombus-ind.com




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl