Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


T-10252 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10252
Description  DIGITAL AUDIO
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
11/12/99
T-10252
www.rhombus-ind.com
SCHEMATIC DIAGRAM:
Top view
4
3
5
6
2
1
Pri.
Sec.
.500
(12.70)
MAX.
.340
(8.64)
.400
(10.16)
.350
(8.89)
MAX.
.250
MAX.
(6.35)
.080
(2.03)
.020 DIA.
(0.51)
TYP.
.120
(3.04)
MIN.
.100
(2.54)
TYP.
All dimensions in inches (mm):
Parts shipped in anti-static
tubes. 50 pieces per tube
PARAMETER
MIN.
TYP.
MAX.
UNITS
Open Circuit Inductance
3.5
5
6.5
mHy
Primary DC Resistance
1.0
ohms
Secondary DC Resistance
1.0
ohms
Isolation (HI-POT)
2.0
KV
RMS
Leakage Inductance
1.2
µH
Rise Time
25
nS
ET Product
25
V
µS
Common Mode Rejection (1)
70
dB
Return Loss
15
dB
TEST CONDITIONS:
Oscillation Voltage = 100mV
Oscillation Frequency = 100.0 KHz
Inductance measured on Primary winding. Pins 1-5
1.. @ 1MHZ in 100
Ω system.
Turns Ratio ( + 5% )
1CT :1CT
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Temperature Characteristics:
-40o C 3.5 mH min. (40% drop in
inductance)
+85o C 5.75 mH min. (15% growth
in inductance)
Typical part:
5 mH @ +25o C
5.75 mH @ +85o C
3.5 mH @ -40o C
For Use with Echelon Neuron integrated
circuits 3120 and 3150 Chips produced by
Motorola and Toshiba. For Surface Mount
Version Order Part Number T-10352
DIGITAL AUDIO
Data Transmission Transformer
These Transformers provide excellent DC
isolation and common mode noise rejection
Designed to improve and maintain the balance
of the transmitter and receiver circuitry.
Designed for low cost.
High voltage isolation
Available in Surface Mount Versions
Custom Designs and Variations
of these transformers available




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl