Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7XF-E Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # 7XF-E
Description  HORIZON??GUIDEDWAVERADAR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

7XF-E Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  7XF-E Datasheet HTML 1Page - Magnetrol International, Inc. 7XF-E Datasheet HTML 2Page - Magnetrol International, Inc. 7XF-E Datasheet HTML 3Page - Magnetrol International, Inc. 7XF-E Datasheet HTML 4Page - Magnetrol International, Inc. 7XF-E Datasheet HTML 5Page - Magnetrol International, Inc. 7XF-E Datasheet HTML 6Page - Magnetrol International, Inc. 7XF-E Datasheet HTML 7Page - Magnetrol International, Inc. 7XF-E Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
clipse transmitters utilize Guided Wave Radar
(GWR) technology for unsurpassed accuracy and
reliability in monitoring both liquid and bulk solid levels.
Though GWR technology was first employed for the
detection of underground cable breaks as early as the
1930s, Magnetrol pioneered its use for liquid level
measurement with the introduction of the Eclipse
Model 705 transmitter in 1998. No other level measure-
ment technology has captured the atten-
tion of the process control industry the
way Eclipse has.
P
Prriin
nc
ciip
plle
e o
off O
Op
pe
erra
attiio
on
n
Guided Wave Radar functions accord-
ing to the principle of Time Domain
Reflectometry (TDR). As shown at left, a
generated pulse of electromagnetic energy
travels down the probe. Upon reaching
the liquid surface the pulse is reflected.
Sophisticated circuitry captures these sig-
nals in real time (nanoseconds) and
reconstructs them in equivalent time
(milliseconds) to make level measurement
a practical reality.
Unlike conventional radar, which
launches its signal into free air, Eclipse
launches its signal within the sealed path
of its probe (wave guide) which is in
direct contact with the process media.
This direct contact makes the signal less
vulnerable to distortion brought on by
process conditions that might thwart
through-air technologies.
Eclipse transmitters have also been
designed for easy setup and configura-
tion. A compact instrument that is easy to
handle and install, Eclipse’s innovative
housing makes measurement data easy
to read.
4
E
An Introduction To Eclipse Guided Wave Radar
Eclipse transmitters
generate pulses of
electromagnetic
energy that are
transmitted down
the probe, or wave-
guide.
When they reach a
liquid surface that
has a higher dielec-
tric than the air or
vapor in which they
travel, the pulses
are reflected.
The pulses’ transit
time to and from
the surface is meas-
ured, converted to
distance, then dis-
played on the LCD
as a level reading.
HOW GUIDED WAVE RADAR WORKS
Pulses
Generated
Pulses
Reflected
Time Converted
to Distance


Similar Part No. - 7XF-E

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
7XF0016-S3 XFMRS-7XF0016-S3 Datasheet
32Kb / 4P
   XFSMD3 SERIES INDUCTORS
7XF0016-S3 XFMRS-7XF0016-S3 Datasheet
32Kb / 4P
   XFSMD3 SERIES INDUCTORS
7XF0016-S3P XFMRS-7XF0016-S3P Datasheet
58Kb / 1P
   INDUCTOR
7XF0026-S3 XFMRS-7XF0026-S3 Datasheet
32Kb / 4P
   XFSMD3 SERIES INDUCTORS
7XF0026-S3 XFMRS-7XF0026-S3 Datasheet
32Kb / 4P
   XFSMD3 SERIES INDUCTORS
More results

Similar Description - 7XF-E

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
J51017V00-60N LSTD-J51017V00-60N Datasheet
1Mb / 2P
   Broadband Wireless Antenna
J23016S00-90N LSTD-J23016S00-90N Datasheet
1Mb / 2P
   WiMax/Broadband Wireless Antenna
SA3338-90-18-DP LSTD-SA3338-90-18-DP Datasheet
612Kb / 1P
   3.5 GHz MIMO Sector Antenna
logo
Magnetrol International...
704-5010-131 MAGNETROL-704-5010-131 Datasheet
484Kb / 12P
   Horizon??Model 704 Guided Wave Radar Level Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com