Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8AA1A1006 Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # 8AA1A1006
Description  Kotron짰 RF Sensing Probes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

8AA1A1006 Datasheet(HTML) 7 Page - Magnetrol International, Inc.

Back Button 8AA1A1006 Datasheet HTML 3Page - Magnetrol International, Inc. 8AA1A1006 Datasheet HTML 4Page - Magnetrol International, Inc. 8AA1A1006 Datasheet HTML 5Page - Magnetrol International, Inc. 8AA1A1006 Datasheet HTML 6Page - Magnetrol International, Inc. 8AA1A1006 Datasheet HTML 7Page - Magnetrol International, Inc. 8AA1A1006 Datasheet HTML 8Page - Magnetrol International, Inc. 8AA1A1006 Datasheet HTML 9Page - Magnetrol International, Inc. 8AA1A1006 Datasheet HTML 10Page - Magnetrol International, Inc. 8AA1A1006 Datasheet HTML 11Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
10
20
30
40
50
60
70
80
10
4.0
9
3.6
8
3.2
7
2.8
6
2.4
5
2.0
4
1.6
3
1.2
2
0.8
1
0.4
0
0
pF per
inch cm
Dielectric value of media
Tank diameter
inches (cm)
4 (10)
12 (30)
24 (60)
48 (120)
96 (240)
Stillwell
Capacitance gain for Teflon
® and Halar® coated probes
8XA-1AXX-XXX or 8XA-4AXX-XXX
8XA-2AXX-XXX or 8XA-5AXX-XXX
10
20
30
40
50
60
70
80
10
4.0
20
8.0
30 12.0
pF per
inch cm
Dielectric value of media
Tank diameter
inches (cm)
4 (10)
12 (30)
24 (60)
48 (120)
96 (240)
Stillwell
40 16.0
0 0
Capacitance gain for Kynar
® coated probes
8XA-3XXX-XXX or 8XA-6XXX-XXX
7
C A P A C I T A N C E
P I C O F A R A D
( P F )
C O N T I N U E D
G A I N
G R A P H S
Capacitance gain chart for bare probes
8XB-XXXX-XXX or 8XC-XXXX-XXX
23
4
5
67
8
9
10
1
20
8.0
18
7.2
16 6.4
14 5.6
12 4.8
10
4.0
8
3.2
6
2.4
4
1.6
2
0.8
0
0
pF per
inch cm
Dielectric value of media
Tank diameter
inches (cm)
Stillwell
4 (10)
12 (30)
24 (60)
48 (120)
96 (240)


Similar Description - 8AA1A1006

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
FPPSPP GREYSTONE-FPPSPP Datasheet
142Kb / 1P
   FLOW SENSING PROBES
logo
Magnetrol International...
80-5212-302 MAGNETROL-80-5212-302 Datasheet
126Kb / 4P
   Kotron짰 RF Point Level Switches
811-1005-E01 MAGNETROL-811-1005-E01 Datasheet
769Kb / 28P
   Kotron짰 Model 811 RF Point Level Sensor
080-8032-302 MAGNETROL-080-8032-302 Datasheet
82Kb / 4P
   Kotron짰 Tip Sensitive RF Level Sensor
810-0005-D01 MAGNETROL-810-0005-D01 Datasheet
257Kb / 16P
   Kotron짰 Model 810 RF Point Level Sensor
811-1005-E00 MAGNETROL-811-1005-E00 Datasheet
201Kb / 8P
   Kotron짰 Model 811 RF Point Level Switch
805-501A-110 MAGNETROL-805-501A-110 Datasheet
196Kb / 4P
   Kotron짰 Model 805 Smart RF Level Transmitter
082-803-400 MAGNETROL-082-803-400 Datasheet
121Kb / 6P
   Kotron짰 Model 82 CE RF Level Transmitter
804-R010-230 MAGNETROL-804-R010-230 Datasheet
162Kb / 8P
   Kotron짰 Sentinel Model 804 RF Level Transmitter
810-0105-D01 MAGNETROL-810-0105-D01 Datasheet
135Kb / 4P
   Kotron짰 Model 810 RF Point Level Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com