Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39-29-1128 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 39-29-1128
Description  NEW MINI FIT CONN R/A HEADER ASSY WITH FLANGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39-29-1128 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  39-29-1128 Datasheet HTML 1Page - Molex Electronics Ltd. 39-29-1128 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 39-29-1128

ManufacturerPart #DatasheetDescription
logo
MolexKits
39-29-1128 MOLEXKITS-39-29-1128 Datasheet
39Kb / 2P
   Right Angle Header and Receptacle
logo
Molex Electronics Ltd.
39-29-1128 MOLEX3-39-29-1128 Datasheet
248Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Right Angle, with PCB Mounting Flange, 12 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating
39-29-1128 MOLEX11-39-29-1128 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with PCB Mounting Flange, 12 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating
More results

Similar Description - 39-29-1128

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-00-0056 MOLEX-39-00-0056 Datasheet
73Kb / 1P
   NEW MINI FIT CONN CRIMP REC
39-00-0055 MOLEX11-39-00-0055 Datasheet
73Kb / 1P
   NEW MINI FIT CONN CRIMP REC
39-29-5247 MOLEX-39-29-5247 Datasheet
317Kb / 2P
   NEW MINI FIT CONNECTOR HEADER HOUSING ASSY -LEAD FREE-
53048-1510 MOLEX-53048-1510_06 Datasheet
87Kb / 1P
   1.25 W/B CONN WAFER ASSY R/A
015286041 MOLEX-015286041 Datasheet
850Kb / 8P
   MINI-FIT BM.. - VERTICAL HEADER ASSY
2011/02/11
logo
SUYIN USA, INC.
200275MR009GX01ZX SUYIN-USA-200275MR009GX01ZX Datasheet
145Kb / 1P
   2.00mm BATTERY CONN R/A HEADER
200275MR009G155ZL SUYIN-USA-200275MR009G155ZL Datasheet
44Kb / 1P
   2.0mm BATTERY CONN R/A HEADER
logo
Samtec, Inc
TSW-102-08-L-S-RA SAMTEC-TSW-102-08-L-S-RA Datasheet
19Kb / 1P
   CONN HEADER R/A 2POS 2.54MM
logo
FCI connector
10028436 FCI-CONNECTOR-10028436 Datasheet
184Kb / 5P
   AIRMAX VS R/A HEADER ASSY PRESS-FIT I20 POS 22MM
10045267-101LF FCI-CONNECTOR-10045267-101LF Datasheet
320Kb / 5P
   AirMax VS R/A HEADER ASSY PRESS-FIT, 72 POSM 18MM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com