Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39-30-4034 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39-30-4034
Description  RIGHT ANGLE HEADER ASSY.3 CKT., SINGLE ROW, MINI-FIT JR. SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39-30-4034 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39-30-4034 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 39-30-4034

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-30-4031 MOLEX3-39-30-4031 Datasheet
257Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Single Row, Right Angle, with Snap-in Plastic Peg PCB Lock
39-30-4032 MOLEX3-39-30-4032 Datasheet
257Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr.?
39-30-4037 MOLEX3-39-30-4037 Datasheet
257Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Single Row, Right Angle, with PCB Mounting Flanges, 3 Circuits, PA Polyamide Nylon 6/6, 94V-2, 0.76關m (30關") Gold (Au)
39-30-4038 MOLEX3-39-30-4038 Datasheet
257Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Single Row, Right Angle, with PCB Mounting Flanges, 3 Circuits, PA Polyamide Nylon 6/6, 94V-0, 0.76關m (30關") Gold (Au)
More results

Similar Description - 39-30-4034

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
015249044 MOLEX-015249044 Datasheet
664Kb / 6P
   MINI-FIT JR. 2-24 CKT RIGHT ANGLE HEADER ASSY (BLIND MATE)
2011/11/01
0039306039 MOLEX3-0039306039 Datasheet
257Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Single Row, Right Angle, with PCB Mounting Flanges, 3 Circuits
39-30-1020 MOLEX-39-30-1020 Datasheet
271Kb / 7P
   MINI-FIT JR RIGHT ANGLE HEADER ASSEMBLIES WITH MOUNTING PEGS
0039303032 MOLEX3-0039303032 Datasheet
257Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Single Row, Right Angle, with PCB Mounting Flanges
1726480104 MOLEX1-1726480104 Datasheet
67Kb / 2P
   Mini-Fit Jr. Header, Single Row, Right Angle, with Snap-in Plastic Peg PCB Lock
1726480103 MOLEX1-1726480103 Datasheet
67Kb / 2P
   Mini-Fit Jr. Header, Single Row, Right Angle, with Snap-in Plastic Peg PCB Lock
1726480106 MOLEX1-1726480106 Datasheet
66Kb / 2P
   Mini-Fit Jr. Header, Single Row, Right Angle, with Snap-in Plastic Peg PCB Lock
1726480102 MOLEX1-1726480102 Datasheet
66Kb / 2P
   Mini-Fit Jr. Header, Single Row, Right Angle, with Snap-in Plastic Peg PCB Lock
1726480105 MOLEX1-1726480105 Datasheet
67Kb / 2P
   Mini-Fit Jr. Header, Single Row, Right Angle, with Snap-in Plastic Peg PCB Lock
0469911008 MOLEX1-0469911008_18 Datasheet
51Kb / 2P
   Mini-Fit Jr. Reflow Solder Capable Header, Right Angle, Dual Row, 8 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com