Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39-01-3129 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 39-01-3129
Description  MINI FIT JR SERIES PLUS W/O MTG.EARS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39-01-3129 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  39-01-3129 Datasheet HTML 1Page - Molex Electronics Ltd. 39-01-3129 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 39-01-3129

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-01-3129 MOLEX3-39-01-3129 Datasheet
238Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr.??Plug Housing, Dual Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-0, 12 Circuits
39-01-3129 MOLEX11-39-01-3129 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row without Panel Mount Ears, PA Polyamide Nylon
More results

Similar Description - 39-01-3129

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-01-3069 MOLEX11-39-01-3069 Datasheet
246Kb / 2P
   MINI FIT JR SERIES PLUG W/O MTG. EARS
45750-0111 MOLEX-45750-0111 Datasheet
103Kb / 2P
   Mini-Fit Plus HCS??Terminal
46993-1611 MOLEX11-46993-1611 Datasheet
59Kb / 1P
   Mini-Fit Jr. Plug Housing
46993-1810 MOLEX11-46993-1810 Datasheet
60Kb / 2P
   Mini-Fit Jr. Plug Housing
46999-0290 MOLEX11-46999-0290 Datasheet
38Kb / 2P
   Mini-Fit Jr. Plug Housing
39-30-1039 MOLEX11-39-30-1039 Datasheet
40Kb / 2P
   Mini-Fit Jr.??Power Connectors
0460111802 MOLEX1-0460111802 Datasheet
47Kb / 2P
   Mini-Fit Plus Connector System
39-29-6148 MOLEX11-39-29-6148 Datasheet
50Kb / 2P
   Mini-Fit Jr.??Power Connectors
46993-1811 MOLEX11-46993-1811 Datasheet
59Kb / 1P
   Mini-Fit Jr. Plug Housing
1626482 MOLEX11-1626482 Datasheet
38Kb / 2P
   4.20mm Pitch Mini-Fit Jr
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com