Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39-30-1160 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 39-30-1160
Description  MINI-FIT JR RIGHT ANGLE HEADER ASSEMBLIES WITH MOUNTING PEGS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39-30-1160 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  39-30-1160 Datasheet HTML 1Page - Molex Electronics Ltd. 39-30-1160 Datasheet HTML 2Page - Molex Electronics Ltd. 39-30-1160 Datasheet HTML 3Page - Molex Electronics Ltd. 39-30-1160 Datasheet HTML 4Page - Molex Electronics Ltd. 39-30-1160 Datasheet HTML 5Page - Molex Electronics Ltd. 39-30-1160 Datasheet HTML 6Page - Molex Electronics Ltd. 39-30-1160 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
REVISION:
ECR/ECN INFORMATION: TITLE:
MINI-FIT JR.
® RIGHT ANGLE
HEADER ASSEMBLIES
WITH MOUNTING PEGS
SHEET No.
L6
EC No:
UCP2010-1417
- 5 -
DATE:
2010/11/30
DOCUMENT NUMBER:
Drawn By:
Checked By:
Approved By:
SDA-5569-NA2*-*
JJAGUILAR
JBELL
FSMITH
Filename: SPOMASTER.DOC
Revision: 1
Location: Workmanager General Docs Class.
Date: 4-15-2002
PART
NUMBER
ENG.
NUMBER
CKT.
SIZE
PLATING
(NOTE 2)
HSG
MAT'L
PART
NUMBER
ENG.
NUMBER
CKT.
SIZE
PLATING
(NOTE 2)
HSG
MAT'L
46999-0061
5569-02A2RM-T
2
39-31-9029
5569-02A2S-BL
2
46999-0062
5569-04A2RM-T
4
39-31-9049
5569-04A2S-BL
4
46999-0063
5569-06A2RM-T
6
39-31-9069
5569-06A2S-BL
6
46999-0064
5569-08A2RM-T
8
39-31-9089
5569-08A2S-BL
8
46999-0065
5569-10A2RM-T
10
39-31-9109
5569-10A2S-BL
10
46999-0066
5569-12A2RM-T
12
39-31-9129
5569-12A2S-BL
12
46999-0067
5569-14A2RM-T
14
39-31-9149
5569-14A2S-BL
14
46999-0068
5569-16A2RM-T
16
39-31-9169
5569-16A2S-BL
16
46999-0069
5569-18A2RM-T
18
39-31-9189
5569-18A2S-BL
18
46999-0070
5569-20A2RM-T
20
39-31-9209
5569-20A2S-BL
20
46999-0071
5569-22A2RM-T
22
39-31-9229
5569-22A2S-BL
22
46999-0072
5569-24A2RM-T
24
39-31-9249
5569-24A2S-BL
24
46999-0073
5569-02A2RM-210-T
2
46999-0074
5569-04A2RM-210-T
4
46999-0075
5569-06A2RM-210-T
6
46999-0076
5569-08A2RM-210-T
8
46999-0077
5569-10A2RM-210-T
10
46999-0078
5569-12A2RM-210-T
12
46999-0079
5569-14A2RM-210-T
14
46999-0080
5569-16A2RM-210-T
16
46999-0081
5569-18A2RM-210-T
18
46999-0082
5569-20A2RM-210-T
20
46999-0083
5569-22A2RM-210-T
22
46999-0084
5569-24A2RM-210-T
24
TRAY PACKAGED PER PK-5569-003
BULK PACKAGED PER PK-5569-002
TIN OVER
NICKEL
SEE
NOTE 2
OPTION
"RM"
94V-0
TIN OVER
NICKEL
SEE
NOTE 2
OPTION
"RM"
94V-2
TIN OVER
NICKEL
SEE
NOTE 2
OPTION
"S"
BLACK
94V-2


Similar Part No. - 39-30-1160

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-30-1160 MOLEX3-39-30-1160 Datasheet
280Kb / 9P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
39-30-1160 MOLEX11-39-30-1160 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 16 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating
More results

Similar Description - 39-30-1160

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-30-6025 MOLEX-39-30-6025 Datasheet
376Kb / 2P
   MINI-FIT JR. VERTICAL HEADER ASSEMBLIES WITH MOUNTING PEGS
39-29-9023 MOLEX-39-29-9023 Datasheet
371Kb / 2P
   MINI-FIT JR. VERTICAL HEADER ASSEMBLIES WITH MOUNTING PEGS
0050361779 MOLEX3-0050361779 Datasheet
189Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Pegs, 4 Circuits
0050362377 MOLEX3-0050362377 Datasheet
233Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Pegs, 6 Circuits
0050362462 MOLEX1-0050362462_18 Datasheet
58Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Peg, 6 Circuits
0050362296 MOLEX1-0050362296_18 Datasheet
58Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Peg, 12 Circuits
0039295163 MOLEX3-0039295163 Datasheet
248Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Flange
0050362296 MOLEX1-0050362296 Datasheet
58Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Peg, 12 Circuits, LCP
0050362462 MOLEX1-0050362462 Datasheet
58Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Peg, 6 Circuits, LCP
0039303032 MOLEX3-0039303032 Datasheet
257Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Single Row, Right Angle, with PCB Mounting Flanges
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com