Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39-29-9183 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39-29-9183
Description  MINI-FIT JR. VERTICAL HEADER ASSEMBLIES WITH MOUNTING PEGS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39-29-9183 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39-29-9183 Datasheet HTML 1Page - Molex Electronics Ltd. 39-29-9183 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 39-29-9183

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-29-9183 MOLEX3-39-29-9183 Datasheet
407Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr.?
39-29-9183 MOLEX11-39-29-9183 Datasheet
50Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 18 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
More results

Similar Description - 39-29-9183

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-30-6025 MOLEX-39-30-6025 Datasheet
376Kb / 2P
   MINI-FIT JR. VERTICAL HEADER ASSEMBLIES WITH MOUNTING PEGS
39-30-1020 MOLEX-39-30-1020 Datasheet
271Kb / 7P
   MINI-FIT JR RIGHT ANGLE HEADER ASSEMBLIES WITH MOUNTING PEGS
0050361779 MOLEX3-0050361779 Datasheet
189Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Pegs, 4 Circuits
0050362377 MOLEX3-0050362377 Datasheet
233Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Pegs, 6 Circuits
0050362462 MOLEX1-0050362462_18 Datasheet
58Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Peg, 6 Circuits
0039299249 MOLEX3-0039299249 Datasheet
407Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Vertical
438794003 MOLEX-438794003 Datasheet
255Kb / 2P
   MINI-FIT JR BMI/CPI HEADER ASSEMBLY WITH VOIDS
2011/07/11
0050362296 MOLEX1-0050362296_18 Datasheet
58Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Peg, 12 Circuits
0442060007 MOLEX1-0442060007_18 Datasheet
49Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Vertical, with 11.90mm Locking Ramp, 24 Circuits
0442060006 MOLEX1-0442060006_18 Datasheet
49Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Vertical, with 11.90mm Locking Ramp, 8 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com