Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39-01-4050 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39-01-4050
Description  MINI-FIT JR.RECEPTACLE (SINGLE ROW)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39-01-4050 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39-01-4050 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 39-01-4050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-01-4050 MOLEX3-39-01-4050 Datasheet
124Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr. Receptacle Housing, Single Row, PA Polyamide Nylon 6/6, UL 94V-2, 5 Circuits
39-01-4050 MOLEX11-39-01-4050 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Single Row, PA Polyamide Nylon 6/6, UL 94V-2, 5
More results

Similar Description - 39-01-4050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0444720311 MOLEX6-0444720311 Datasheet
115Kb / 3P
   4.20mm (.165") Pitch Mini-Fit HCS??Header, Single Row, Vertical
42816-0312 MOLEX11-42816-0312 Datasheet
41Kb / 2P
   10.00mm Pitch Mini-Fit Sr.??Receptacle Housing, Single Row, 3 Circuits
42816-0512 MOLEX11-42816-0512 Datasheet
40Kb / 1P
   10.00mm Pitch Mini-Fit Sr.??Receptacle Housing, Single Row, 5 Circuits
08-70-1014 MOLEX11-08-70-1014 Datasheet
211Kb / 2P
   MINI FIT PIN
42816-0212 MOLEX11-42816-0212 Datasheet
41Kb / 2P
   10.00mm Pitch Mini-Fit Sr.??Receptacle Housing, Single Row, 2 Circuits
42816-0612 MOLEX11-42816-0612 Datasheet
41Kb / 2P
   10.00mm Pitch Mini-Fit Sr.??Receptacle Housing, Single Row, 6 Circuits
26-01-3093 MOLEX11-26-01-3093 Datasheet
38Kb / 2P
   Mini-Fit Jr.??Plug Housing, Single Row without Panel Mount Ears
42816-0412 MOLEX11-42816-0412 Datasheet
41Kb / 2P
   10.00mm Pitch Mini-Fit Sr.??Receptacle Housing, Single Row, 4 Circuits
1451350610 MOLEX-1451350610 Datasheet
45Kb / 1P
   Mini-Fit TPA2-to-Mini-Fit TPA2 Off-the-Shelf (OTS) Cable Assembly, Single Row, 1.0m Length, 6 Circuits, Black
1451350200 MOLEX-1451350200 Datasheet
40Kb / 1P
   Mini-Fit TPA2-to-Mini-Fit TPA2 Off-the-Shelf (OTS) Cable Assembly, Single Row, 75.00mm Length, 2 Circuits, Black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com