Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # US1B
Description  1 Amp Ultra Fast Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

US1B Datasheet(HTML) 1 Page - Micro Commercial Components

  US1B Datasheet HTML 1Page - Micro Commercial Components US1B Datasheet HTML 2Page - Micro Commercial Components US1B Datasheet HTML 3Page - Micro Commercial Components US1B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
US1A
THRU
US1M
1 Amp Ultra Fast
Rectifier
50 to 1000 Volts
Features
Maximum Ratings
Operating Temperature: -
65°C to +175°C
Storage Temperature: -
65°C to +175°C
Maximum Thermal Resistance; 30 °C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
US1A
US1A
50V
35V
50V
US1B
US1B
100V
70V
100V
US1D
US1D
200V
140V
200V
US1G
US1G
400V
280V
400V
US1J
US1J
600V
420V
600V
US1K
US1K
800V
560V
800V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TL = 75°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
US1A-1D
US1G
US1J-1M
VF
1.0V
1.4V
1.7V
IFM = 1.0A;
TJ = 25°C
Typical Junction
Capacitance
US1A-1G
US1J-1M
CJ
20pF
17pF
Measured at
1.0MHz, VR=4.0V
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10uA
100uA
TA = 25°C
TA = 100°C
0.0
70”
0.
090”
0.0
85”
SUGGESTED SOLDER
PAD LAYOUT
DO-214AC
(SMA) (LEAD FRAME)
MAX
MIN
MIN
Maximum Reverse
Recovery Time
Trr
IF=0.5A, IR=1.0A,
Irr=0.25A
          
          
          
          
          
          
*Pulse test: Pulse width 300 sec, Duty cycle 1%





INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
H
J
E
F
G
A
B
D
C
US1M
US1M
1000V
700V
1000V
Revision:
C
20
11/08/01
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Glass Passivated Chip
Ultra Fast Switching For High Efficiency
For Surface Mounted Applications
Low Forward Voltage Drop And High Current Capability
Low Reverse Leakage Current
www.mccsemi.com
1 of 4
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
TM
Micro Commercial Components
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
Dimensions
US1C
US1C
150V
105V
150V
US1A-US1G
US1J~US1K
US1M
50ns
100ns
75ns
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - US1B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
US1B DIOTEC-US1B Datasheet
103Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
logo
Pan Jit International I...
US1B PANJIT-US1B Datasheet
72Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
DONGGUAN YOU FENG WEI E...
US1B YFWDIODE-US1B Datasheet
731Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Vishay Siliconix
US1B VISHAY-US1B Datasheet
84Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 30-Oct-13
logo
Won-Top Electronics
US1B WTE-US1B Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - US1B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
US1AE MCC-US1AE Datasheet
212Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1JFL-TP MCC-US1JFL-TP Datasheet
356Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1J-TP MCC-US1J-TP Datasheet
334Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1ME-TP MCC-US1ME-TP Datasheet
231Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1M-TP MCC-US1M-TP Datasheet
285Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001 Datasheet
371Kb / 2P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001_11 Datasheet
231Kb / 3P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
ES1AE MCC-ES1AE_14 Datasheet
375Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
ER1A LEIDITECH-ER1A Datasheet
628Kb / 3P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
UFM13PL-TP MCC-UFM13PL-TP Datasheet
304Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com