Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF4001GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # UF4001GP
Description  1 Amp Glass Passivated Ultra Fast Recovery Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UF4001GP Datasheet(HTML) 1 Page - Micro Commercial Components

  UF4001GP_11 Datasheet HTML 1Page - Micro Commercial Components UF4001GP_11 Datasheet HTML 2Page - Micro Commercial Components UF4001GP_11 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UF4001GP
THRU
UF4007GP
1 Amp Glass
Passivated Ultra Fast
Recovery Rectifier
50 to 1000 Volts
Features
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Typical Thermal Resistance 40
°C/W
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
UF4001GP
50V
35V
50V
UF4002GP
100V
70V
100V
UF4003GP
200V
140V
200V
UF4004GP
400V
280V
400V
UF4005GP
600V
420V
400V
UF4006GP
800V
560V
800V
UF4007GP
1000V
700V
1000V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-41
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5 uA
100uA
TA = 25
°C
TA = 100
°C
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
UF4001
GP-4003GP
UF4004
GP
VF
1. 0 V
1. 7 V
IFM = 1.0A;
TA = 25
°C
Maximum Reverse
Recovery Time
Trr
50ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
UF4001
GP-4004GP
UF4005
GP-4007GP
CJ
20pF
1
0pF
Measured at
1.0MHz, VR=4.0V
UF400
5GP-4007GP
1. 3 V
UF4001
GP-4004GP
UF400
5GP-4007GP
7
5ns
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
UF4007GP
UF4006GP
UF4005GP
UF4004GP
UF4003GP
UF4002GP
UF4001GP
Ultra Fast Switching Speed For High Efficiency
Low Leakage
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - UF4001GP_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UF4001GP MCC-UF4001GP Datasheet
290Kb / 2P
   1 Amp Glass Passivated Ultra Fast Recovery Rectifier 50 to 1000 Volts
logo
Microsemi Corporation
UF4001GP MICROSEMI-UF4001GP Datasheet
105Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
UF4001GP CHENYI-UF4001GP Datasheet
256Kb / 2P
   1Amp glass passivated ultra fast recovery rectifier 50to1000 volts
More results

Similar Description - UF4001GP_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UF4001GP MCC-UF4001GP Datasheet
290Kb / 2P
   1 Amp Glass Passivated Ultra Fast Recovery Rectifier 50 to 1000 Volts
UF5400GP MCC-UF5400GP_11 Datasheet
424Kb / 4P
   3 Amp Ultra Fast Glass Passivated Recovery Rectifier 50 to 1000 Volts
UF5400GP MCC-UF5400GP Datasheet
85Kb / 3P
   3 Amp Ultra Fast Glass Passivated Recovery Rectifier 50 to 1000 Volts
UF5400GP MCC-UF5400GP Datasheet
85Kb / 3P
   3 Amp Ultra Fast Glass Passivated Recovery Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001 Datasheet
371Kb / 2P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
FR601GP MCC-FR601GP_15 Datasheet
683Kb / 4P
   6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP_11 Datasheet
448Kb / 4P
   2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801G MCC-FRA801G Datasheet
489Kb / 3P
   8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801GF MCC-FRA801GF Datasheet
416Kb / 3P
   8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com