Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100DP1K1B1VS2REH Datasheet(PDF) 1 Page - E-SWITCH

Part # 100DP1K1B1VS2REH
Description  TOGGLE SWITCHES - MINIATURE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

100DP1K1B1VS2REH Datasheet(HTML) 1 Page - E-SWITCH

  100DP1K1B1VS2REH Datasheet HTML 1Page - E-SWITCH 100DP1K1B1VS2REH Datasheet HTML 2Page - E-SWITCH 100DP1K1B1VS2REH Datasheet HTML 3Page - E-SWITCH 100DP1K1B1VS2REH Datasheet HTML 4Page - E-SWITCH 100DP1K1B1VS2REH Datasheet HTML 5Page - E-SWITCH 100DP1K1B1VS2REH Datasheet HTML 6Page - E-SWITCH 100DP1K1B1VS2REH Datasheet HTML 7Page - E-SWITCH 100DP1K1B1VS2REH Datasheet HTML 8Page - E-SWITCH 100DP1K1B1VS2REH Datasheet HTML 9Page - E-SWITCH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
112
SERIES 100 SWITCHES
Specifications subject to change without notice.
SERIES
SP1
SP2*
SP3
SP4*
SP5*
DP1
DP2*
DP3
DP4*
DP5*
DP6
DP7*
DP8*
3P1
3P2*
3P3
3P4*
3P5*
4P1
4P2*
4P3
4P4*
4P5*
4P6
4P7*
4P8*
MODEL NO.
100
Example Ordering Number
100_ SP1_ T4_ B2_ M1_R_ E
TOGGLE SWITCHES - MINIATURE
SPECIFICATIONS
Contact Rating:
See contact material options
Life Expectancy:
40,000 make-and-break cycles at full load
Contact Resistance:
100 mΩ max. typical initial @ 2-4 VDC
100 mA for both silver and gold plated contacts
Insulation Resistance:
1,000 MΩ min.
Dielectric Strength:
1,000 V RMS @ sea level
Operating Temperature: -30° C to 85° C
MATERIALS
Case:
Diallyl Phthalate (DAP)
Toggle Handle:
Brass, chrome plated
Switch Support:
Brass or steel, tin plated
Bushing:
Brass, nickel plated
Housing:
Stainless steel
Contacts / Terminals:
Silver or gold plated copper alloy
HOW TO ORDER
FEATURES & BENEFITS
Up to 4 poles available
Variety of switching functions
Miniature
Multiple actuator & bushing options
APPLICATIONS/MARKETS
Telecommunications
Instrumentation
Networking
Medical equipment
T1
T2
T3
T4
T5
T6
T7
T8
T9
K1
K2
Optional
Toggle Cap
(T1 Only):
T100-1 = White
T100-2 = Black
ACTUATOR
B1
B2
B3
B4
B5
B6
B8
B9
B11
B12
B13
B15
B16
B25**
B26**
BUSHING
M1
M2
M3
M5
M6
M61
M7
M71
VS2
VS3
VS5*
M64*
VS21*
VS31*
TERMINATION
Q = Silver
R = Gold
CONTACT
MATERIAL
H = Hardware
HARDWARE
SEAL
E
E = Epoxy
Sealed at
Base of
Terminal
Notes: * Not available with the K1 and K2
actuator options.
** Available only with the K1 and K2
actuator options.


Similar Part No. - 100DP1K1B1VS2REH

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
100DP1T1B1M1QEH E-SWITCH-100DP1T1B1M1QEH Datasheet
174Kb / 1P
   E-SWITCH 100DP1T1B1M1QEH
100DP1T1B1M2QE E-SWITCH-100DP1T1B1M2QE Datasheet
116Kb / 1P
   E-SWITCH 100DP1T1B1M2QE
100DP1T4B1M1QEH E-SWITCH-100DP1T4B1M1QEH Datasheet
107Kb / 1P
   E-SWITCH 100DP1T4B1M1QEH
More results

Similar Description - 100DP1K1B1VS2REH

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
   Miniature Toggle Switches
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com