Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KO130Z Datasheet(PDF) 2 Page - E-SWITCH

Part # KO130Z
Description  KEYLOCK SWITCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KO130Z Datasheet(HTML) 2 Page - E-SWITCH

  KO130Z Datasheet HTML 1Page - E-SWITCH KO130Z Datasheet HTML 2Page - E-SWITCH KO130Z Datasheet HTML 3Page - E-SWITCH KO130Z Datasheet HTML 4Page - E-SWITCH KO130Z Datasheet HTML 5Page - E-SWITCH KO130Z Datasheet HTML 6Page - E-SWITCH KO130Z Datasheet HTML 7Page - E-SWITCH KO130Z Datasheet HTML 8Page - E-SWITCH KO130Z Datasheet HTML 9Page - E-SWITCH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 LEDS
KO 104
FEATURES & BENEFITS
Zinc alloy die cast housing and cylinder,
chrome plated
Zinc alloy keys, chrome plated,
with plastic cover
Silver plated contacts and terminals
10,000 combinations available
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Key Pull
Possible
KO104A
1-2
3-4
Pos. 1
KO104B
1-2
3-4
Pos. 1, Pos. 2
1
2
90 indexing
90 indexing
1
2
= Detent Position
= Keypull Possible
= Momentary
UNIT: mm
Ratings:
3A @ 125 VAC
1.5A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
KO 105
FEATURES & BENEFITS
Zinc alloy die cast housing and cylinder,
chrome plated
Steel made tubular keys, nickel plated,
with plastic cover
Silver plated contacts and terminals
100 combinations available
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Key Pull
Possible
KO105A
OFF
1-2
Pos. 1, Pos. 2
KO105B
1-2
3-4
Pos. 1, Pos. 2
90 indexing
90 indexing
1
2
1
2
= Detent Position
= Keypull Possible
= Momentary
UNIT: mm
Ratings:
1A @ 125 VAC
0.5A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
221
info@e-switch.com
www.e-switch.com


Similar Part No. - KO130Z

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KO130Z2 E-SWITCH-KO130Z2 Datasheet
65Kb / 1P
   KEYLOCK SWITCHES
KO130Z4A126 E-SWITCH-KO130Z4A126 Datasheet
87Kb / 1P
   KEYLOCK SWITCHES
More results

Similar Description - KO130Z

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KO104B-10003 E-SWITCH-KO104B-10003 Datasheet
67Kb / 1P
   KEYLOCK SWITCHES
KO113C-10001 E-SWITCH-KO113C-10001 Datasheet
32Kb / 1P
   KEYLOCK SWITCHES
KO119A-7315 E-SWITCH-KO119A-7315 Datasheet
66Kb / 1P
   KEYLOCK SWITCHES
KO103E-701 E-SWITCH-KO103E-701 Datasheet
34Kb / 1P
   KEYLOCK SWITCHES
KO119A-7321 E-SWITCH-KO119A-7321 Datasheet
66Kb / 1P
   KEYLOCK SWITCHES
KO130B-A126 E-SWITCH-KO130B-A126 Datasheet
43Kb / 1P
   KEYLOCK SWITCHES
KO124A-10001 E-SWITCH-KO124A-10001 Datasheet
32Kb / 1P
   KEYLOCK SWITCHES
KO104B-10009 E-SWITCH-KO104B-10009 Datasheet
67Kb / 1P
   KEYLOCK SWITCHES
KO128B-2007 E-SWITCH-KO128B-2007 Datasheet
52Kb / 1P
   KEYLOCK SWITCHES
KO129A-A126 E-SWITCH-KO129A-A126 Datasheet
69Kb / 1P
   KEYLOCK SWITCHES
KO130K E-SWITCH-KO130K Datasheet
70Kb / 1P
   KEYLOCK SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com