Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D25XB20 Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

Part # D25XB20
Description  General Purpose Rectifiers(200V 25A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D25XB20 Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  D25XB20 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D25XB20 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D25XB20 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D25XB20 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D25XB20 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D25XB20 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
D25XBx
Forward Power Dissipation
SIN
Average Rectified Forward Current IO [A]
Tj = 150
°C
Sine wave


Similar Part No. - D25XB20

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
D25XB20 ZSELEC-D25XB20 Datasheet
58Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
D25XB20 NJSEMI-D25XB20 Datasheet
149Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
D25XB20 EIC-D25XB20 Datasheet
78Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 02 : March 25, 2005
More results

Similar Description - D25XB20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D25XB60 SHINDENGEN-D25XB60 Datasheet
304Kb / 6P
   General Purpose Rectifiers(600V 25A)
D25XB80 SHINDENGEN-D25XB80 Datasheet
305Kb / 6P
   General Purpose Rectifiers(800V 25A)
S2V20 SHINDENGEN-S2V20 Datasheet
295Kb / 6P
   General Purpose Rectifiers(200V 1.7A)
U4SBA20 SHINDENGEN-U4SBA20 Datasheet
319Kb / 6P
   General Purpose Rectifiers(200V 4A)
U6SBA20 SHINDENGEN-U6SBA20 Datasheet
315Kb / 6P
   General Purpose Rectifiers(200V 6A)
S1NB20 SHINDENGEN-S1NB20 Datasheet
271Kb / 5P
   General Purpose Rectifiers(200V 1A)
D1N20 SHINDENGEN-D1N20 Datasheet
300Kb / 5P
   General Purpose Rectifiers(200V 1A)
D2F20 SHINDENGEN-D2F20 Datasheet
277Kb / 5P
   General Purpose Rectifiers(200V 1.4A)
S1YB20 SHINDENGEN-S1YB20 Datasheet
282Kb / 5P
   General Purpose Rectifiers(200V 0.4A)
U6SB20 SHINDENGEN-U6SB20 Datasheet
307Kb / 6P
   General Purpose Rectifiers(200V 6A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com