Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS085R104F130S1A Datasheet(PDF) 2 Page - E-SWITCH

Part # MS085R104F130S1A
Description  SNAP ACTION SWITCHES-MINIATURE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

MS085R104F130S1A Datasheet(HTML) 2 Page - E-SWITCH

  MS085R104F130S1A Datasheet HTML 1Page - E-SWITCH MS085R104F130S1A Datasheet HTML 2Page - E-SWITCH MS085R104F130S1A Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.e-switch.com
info@e-switch.com
205
ACTUATOR OPTIONS
00
01
02
03
04
05
06
07
PT= Pretravel
OP= Operating Point
OT= Over Travel
ACTUATOR AND OPERATING FORCE CHART
Actuator
Actuation/Return Force
00
60+/-25
80+/-25
95+/-30
115+/-40
130+/-40
150+/-40
175+/-45
190+/-45
250+/-50
295+/-55
01
20+/-8
25+/-12
30+/-12
35+/-20
40+/-20
45+/-20
50+/-20
55+/-25
70+/-25
85+/-30
02
15+/-6
20+/-8
25+/-12
30+/-12
35+/-20
40+/-20
45+/-20
50+/-20
65+/-25
75+/-25
03
10+/-5
15+/-6
20+/-8
25+/-12
30+/-12
35+/-20
40+/-20
55+/-25
60+/-25
---
04
15+/-6
20+/-8
25+/-12
30+/-12
35+/-20
40+/-20
45+/-20
50+/-20
65+/-25
75+/-25
05
15+/-6
20+/-8
25+/-12
30+/-12
35+/-20
40+/-20
45+/-20
50+/-20
65+/-25
75+/-25
06
15+/-6
20+/-8
25+/-12
30+/-12
35+/-20
40+/-20
45+/-20
50+/-20
65+/-25
75+/-25
07
15+/-6
20+/-8
25+/-12
30+/-12
35+/-20
40+/-20
45+/-20
50+/-20
65+/-25
75+/-25
Actuator
Pre-Travel
Operating Position
00
1.1 max
8.5+/-0.3
01
3.6 max
9.1+/-0.8
02
3.8 max
9.1+/-0.8
03
4.4 max
9.5+/-0.8
04
3.2 max
10.9+/-1.0
05
4.0 max
14.9+/-1.0
06
4.1 max
13.9+/-1.5
07
5.0 max
12.5+/-1.5


Similar Part No. - MS085R104F130S1A

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
MS0850500F060S1A E-SWITCH-MS0850500F060S1A Datasheet
57Kb / 1P
   E-SWITCH MS0850500F060S1A
MS0850501F070S1A E-SWITCH-MS0850501F070S1A Datasheet
59Kb / 1P
   E-SWITCH MS0850501F070S1A
MS0850502F020S1A E-SWITCH-MS0850502F020S1A Datasheet
127Kb / 1P
   E-SWITCH MS0850502F020S1A
MS0850504F020S1A E-SWITCH-MS0850504F020S1A Datasheet
59Kb / 1P
   E-SWITCH MS0850504F020S1A
logo
Golledge Electronics Lt...
MS08568 GOLLEDGE-MS08568 Datasheet
127Kb / 1P
   5V OCXO Low profile
More results

Similar Description - MS085R104F130S1A

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
TS1 E-SWITCH-TS1 Datasheet
90Kb / 1P
   SNAP ACTION SWITCHES - SUB-MINIATURE
SS0750301F030P1A E-SWITCH-SS0750301F030P1A Datasheet
1,009Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
38EWSP7B1M1QT GRAYHILL-38EWSP7B1M1QT Datasheet
521Kb / 5P
   Sealed Snap Action Miniature Pushbutton Switches
logo
E-SWITCH
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
   SNAP ACTION SWITCHES
logo
TE Connectivity Ltd
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
   Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
   Snap Action Switches
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
   Snap Action Switches
logo
List of Unclassifed Man...
11-304 ETC2-11-304 Datasheet
1Mb / 30P
   LICON. SNAP ACTION SWITCHES
logo
SHINMEI ELECTRIC CO., L...
MQS-53 SHINMEI-MQS-53 Datasheet
171Kb / 6P
   Compact-sized Snap Action Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com