Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KO113B Datasheet(PDF) 10 Page - E-SWITCH

Part # KO113B
Description  KEYLOCK SWITCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KO113B Datasheet(HTML) 10 Page - E-SWITCH

Back Button KO113B Datasheet HTML 4Page - E-SWITCH KO113B Datasheet HTML 5Page - E-SWITCH KO113B Datasheet HTML 6Page - E-SWITCH KO113B Datasheet HTML 7Page - E-SWITCH KO113B Datasheet HTML 8Page - E-SWITCH KO113B Datasheet HTML 9Page - E-SWITCH KO113B Datasheet HTML 10Page - E-SWITCH KO113B Datasheet HTML 11Page - E-SWITCH KO113B Datasheet HTML 12Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
229
info@e-switch.com
www.e-switch.com
KO 131
FEATURES & BENEFITS
Zinc alloy die cast housing and cylinder, chrome plated
Zinc alloy keys, chrome plated
Silver plated contacts and terminals
1 combination available
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Pos. 4
Key Pull
Possible
KO131A
Pos. 1, Pos. 2
90º indexing
1
2
OFF
1-2
= Detent Position
= Keypull Possible
= Momentary
Ratings:
1A @ 125 VAC
0.5A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
KO 132
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Pos. 4
Key Pull
Possible
KO132A
Pos. 1, Pos. 2
KO132B
KO132C
90º indexing
90º indexing
1
2
OFF
1-2
1-2
1-2
Pos. 1, Pos. 2
Pos. 1, Pos. 2, Pos. 3
1
2
3
OFF
3-4
3-4
1
2
45º-90º indexing
= Detent Position
= Keypull Possible
= Momentary
Ratings:
1A @ 125 VAC
0.5A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
FEATURES & BENEFITS
Zinc alloy die cast housing and cylinder, chrome plated
Zinc alloy keys, chrome plated
Silver plated contacts and terminals
6 combination available


Similar Part No. - KO113B

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KO113B-10001 E-SWITCH-KO113B-10001 Datasheet
33Kb / 1P
   KEYLOCK SWITCHES
More results

Similar Description - KO113B

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KO104B-10003 E-SWITCH-KO104B-10003 Datasheet
67Kb / 1P
   KEYLOCK SWITCHES
KO113C-10001 E-SWITCH-KO113C-10001 Datasheet
32Kb / 1P
   KEYLOCK SWITCHES
KO119A-7315 E-SWITCH-KO119A-7315 Datasheet
66Kb / 1P
   KEYLOCK SWITCHES
KO103E-701 E-SWITCH-KO103E-701 Datasheet
34Kb / 1P
   KEYLOCK SWITCHES
KO119A-7321 E-SWITCH-KO119A-7321 Datasheet
66Kb / 1P
   KEYLOCK SWITCHES
KO130B-A126 E-SWITCH-KO130B-A126 Datasheet
43Kb / 1P
   KEYLOCK SWITCHES
KO124A-10001 E-SWITCH-KO124A-10001 Datasheet
32Kb / 1P
   KEYLOCK SWITCHES
KO104B-10009 E-SWITCH-KO104B-10009 Datasheet
67Kb / 1P
   KEYLOCK SWITCHES
KO128B-2007 E-SWITCH-KO128B-2007 Datasheet
52Kb / 1P
   KEYLOCK SWITCHES
KO129A-A126 E-SWITCH-KO129A-A126 Datasheet
69Kb / 1P
   KEYLOCK SWITCHES
KO130K E-SWITCH-KO130K Datasheet
70Kb / 1P
   KEYLOCK SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com