Part Name
         Description
ADuM3211WCRZ-RL7

 Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability ( 20 Page)


AD
100% 
Zoom Out Zoom In
 15 page
background image
Data Sheet
ADuM3210/ADuM3211
Rev. E | Page 15 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
DATA RATE (Mbps)
0
0
6
2
8
10
10
20
30
5V
3V
4
Figure 6. Typical Input Supply Current per Channel vs.
Data Rate for 5 V and 3 V Operation
DATA RATE (Mbps)
0
0
3
2
1
4
10
20
30
5V
3V
Figure 7. Typical Output Supply Current per Channel vs.
Data Rate for 5 V and 3 V Operation (No Output Load)
DATA RATE (Mbps)
0
0
3
2
1
4
10
20
30
5V
3V
Figure 8. Typical Output Supply Current per Channel vs.
Data Rate for 5 V and 3 V Operation (15 pF Output Load)
DATA RATE (Mbps)
0
0
15
10
5
20
10
20
30
5V
3V
Figure 9. ADuM3210 Typical IDD1 Supply Current vs.
Data Rate for 5 V and 3 V Operation
DATA RATE (Mbps)
0
0
3
2
1
4
10
20
30
5V
3V
Figure 10. ADuM3210 Typical IDD2 Supply Current vs.
Data Rate for 5 V and 3 V Operation
DATA RATE (Mbps)
0
0
6
2
8
10
10
20
30
5V
3V
4
Figure 11. ADuM3211 Typical IDD1 or IDD2 Supply Current vs.
Data Rate for 5 V and 3 V Operation



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl