Part Name
         Description
ADuM2400CRIZ

 Quad-Channel Digital Isolators ( 24 Page)


AD
100% 
Zoom Out Zoom In
 17 page
background image
Data Sheet
ADuM2400/ADuM2401/ADuM2402
Rev. D | Page 17 of 24
DATA RATE (Mbps)
0
0
20
15
10
5
30
25
35
40
20
60
80
40
100
5V
3V
Figure 14. Typical ADuM2401 VDD2 Supply Current vs.
Data Rate for 5 V and 3 V Operation
DATA RATE (Mbps)
0
0
25
20
15
10
5
45
40
35
30
50
20
60
80
40
100
5V
3V
Figure 15. Typical ADuM2402 VDD1 or VDD2 Supply Current vs.
Data Rate for 5 V and 3 V Operation
TEMPERATURE (°C)
–50
–25
25
30
35
40
050
75
25
100
3V
5V
Figure 16. Propagation Delay vs. Temperature, C Grade



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl