Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM4160 Datasheet(PDF) 4 Page - Analog Devices

Part # ADUM4160
Description  Full/Low Speed 5 kV USB Digital Isolator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM4160 Datasheet(HTML) 4 Page - Analog Devices

  ADUM4160 Datasheet HTML 1Page - Analog Devices ADUM4160 Datasheet HTML 2Page - Analog Devices ADUM4160 Datasheet HTML 3Page - Analog Devices ADUM4160 Datasheet HTML 4Page - Analog Devices ADUM4160 Datasheet HTML 5Page - Analog Devices ADUM4160 Datasheet HTML 6Page - Analog Devices ADUM4160 Datasheet HTML 7Page - Analog Devices ADUM4160 Datasheet HTML 8Page - Analog Devices ADUM4160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADuM4160
Rev. C | Page 4 of 16
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
For All Operating Modes
Common-Mode Transient Immunity
At Logic High Output3
|CM
H|
25
35
kV/µs V
UD+, VUD−, VDD+, VDD− = VDD1 or VDD2,
V
CM = 1000 V, transient magnitude =
800 V
At Logic Low Output3
|CM
L|
25
35
kV/µs V
UD+, VUD−, VDD+, VDD− = 0 V, VCM =
1000 V, transient magnitude = 800 V
1 The supply current values for the device running at a fixed continuous data rate at 50% duty cycle alternating J and K states. Supply current values are specified with
USB-compliant load present.
2 Propagation delay of the low speed DD+ to UD+ or DD− to UD− in either signal direction is measured from the 50% level of the rising or falling edge, to the 50% level
of the rising or falling edge of the corresponding output signal.
3 CM
H is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDDx. CML is the maximum common-mode voltage slew rate
that can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. The transient
magnitude is the range over which the common mode is slewed.
PACKAGE CHARACTERISTICS
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input to Output)1
R
I-O
1012
Capacitance (Input to Output)1
C
I-O
2.2
pF
f = 1 MHz
Input Capacitance2
C
I
4.0
pF
IC Junction-to-Ambient Thermal Resistance
θ
JA
45
°C/W
Thermocouple located at
center of package underside
1 Device is considered a 2-terminal device; Pin 1, Pin 2, Pin 3, Pin 4, Pin 5, Pin 6, Pin 7, and Pin 8 are shorted together and Pin 9, Pin 10, Pin 11, Pin 12, Pin 13, Pin 14,
Pin 15, and Pin 16 are shorted together.
2 Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
The ADuM4160 is approved by the organizations listed in Table 3. Refer to Table 8 and the Insulation Lifetime section for details
regarding recommended maximum working voltages for specific cross-isolation waveforms and insulation levels.
Table 3.
UL
CSA
VDE
Recognized under 1577 component
recognition program1
Approved under CSA Component
Acceptance Notice #5A
Certified according to DIN V VDE V
0884-10 (VDE V 0884-10):2006-122
Single Protection
5000 V rms Isolation Voltage
Basic insulation per CSA 60950-1-03 and IEC 60950-1,
600 V rms (848 V peak) maximum working voltage
Reinforced insulation per CSA 60950-1-03 and IEC
60950-1, 380 V rms (537 V peak) maximum working
voltage, RW-16 package.
Reinforced insulation per CSA 60950-1-03 and IEC
60950-1, 400 V rms (565 V peak) maximum working
voltage, RI-16 package.
Reinforced insulation, 846 V peak
Reinforced insulation per IEC 60601-1 125 V rms (176 V
peak) maximum working voltage, RW-16 package.
Reinforced insulation per IEC 60601-1 250 V rms (353 V
peak) maximum working voltage, RI-16 package.
File E214100
File 205078
File 2471900-4880-0001
1 In accordance with UL 1577, each ADuM4160 is proof tested by applying an insulation test voltage ≥6000 V rms for 1 sec (current leakage detection limit = 10 µA).
2 In accordance with DIN V VDE V 0884-10, each ADuM4160 is proof tested by applying an insulation test voltage ≥1050 V peak for 1 sec (partial discharge detection
limit = 5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval.


Similar Part No. - ADUM4160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
   Full/Low Speed USB Digital Isolator
Rev. Pr F
ADuM4160 AD-ADuM4160 Datasheet
302Kb / 16P
   Full/Low Speed USB Digital Isolator
REV. A
ADUM4160 AD-ADUM4160 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM4160 AD-ADUM4160 Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
ADUM4160BRIZ AD-ADUM4160BRIZ Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
More results

Similar Description - ADUM4160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4160 AD-ADUM4160_V01 Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
ADUM3160 AD-ADUM3160 Datasheet
263Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
REV. A
ADUM3160 AD-ADUM3160_V01 Datasheet
317Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
Rev. C
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
   Full/Low Speed USB Digital Isolator
Rev. Pr F
ADUM4160 AD-ADUM4160_09 Datasheet
302Kb / 16P
   Full/Low Speed USB Digital Isolator
REV. A
ADUM7510 AD-ADUM7510 Datasheet
265Kb / 12P
   5-Channel, 1 kV Unidirectional Digital Isolator
REV. A
ADUM4165 AD-ADUM4165 Datasheet
1Mb / 26P
   5.7 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed
Rev. 0
ADUM3165 AD-ADUM3165 Datasheet
1Mb / 26P
   3.75 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed
Rev. 0
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
Analog Devices
ADUM4154 AD-ADUM4154 Datasheet
427Kb / 22P
   5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com