Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM4160 Datasheet(PDF) 3 Page - Analog Devices

Part # ADUM4160
Description  Full/Low Speed 5 kV USB Digital Isolator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM4160 Datasheet(HTML) 3 Page - Analog Devices

  ADUM4160_10 Datasheet HTML 1Page - Analog Devices ADUM4160_10 Datasheet HTML 2Page - Analog Devices ADUM4160_10 Datasheet HTML 3Page - Analog Devices ADUM4160_10 Datasheet HTML 4Page - Analog Devices ADUM4160_10 Datasheet HTML 5Page - Analog Devices ADUM4160_10 Datasheet HTML 6Page - Analog Devices ADUM4160_10 Datasheet HTML 7Page - Analog Devices ADUM4160_10 Datasheet HTML 8Page - Analog Devices ADUM4160_10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADuM4160
Rev. C | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
4.5 V ≤ VBUS1 ≤ 5.5 V, 4.5 V ≤ VBUS2 ≤ 5.5 V; 3.1 V ≤ VDD1 ≤ 3.6 V, 3.1 V ≤ VDD2 ≤ 3.6 V; all minimum/maximum specifications apply over
the entire recommended operation range, unless otherwise noted; all typical specifications are at TA = 25°C, VDD1 = VDD2 = 3.3 V. Each
voltage is relative to its respective ground.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Total Supply Current1
1.5 Mbps
V
DD1 or VBUS1 Supply Current
I
DD1 (L)
5
7
mA
750 kHz logic signal rate C
L = 450 pF
V
DD2 or VBUS2 Supply Current
I
DD2 (L)
5
7
mA
750 kHz logic signal rate C
L = 450 pF
12 Mbps
V
DD1 or VBUS1 Supply Current
I
DD1 (F)
6
8
mA
6 MHz logic signal rate C
L = 50 pF
V
DD2 or VBUS2 Supply Current
I
DD2 (F)
6
8
mA
6 MHz logic signal rate C
L = 50 pF
Idle Current
V
DD1 or VBUS1 Idle Current
I
DD1 (I)
1.7
2.3
mA
Input Currents
I
DD−, IDD+,
I
UD+, IUD−,
I
SPD, IPIN,
I
SPU, IPDEN
−1
+0.1
+1
µA
0 V ≤ V
DD-, VDD+, VUD+,VUD−, VSPD, VPIN,
V
SPU, VPDEN ≤ 3.0
Single-Ended Logic High Input Threshold
V
IH
2.0
V
Single-Ended Logic Low Input Threshold
V
IL
0.8
V
Single-Ended Input Hysteresis
V
HST
0.4
V
Differential Input Sensitivity
V
DI
0.2
V
|V
XD+ − VXD−|
Logic High Output Voltages
V
OH
2.8
3.6
V
R
L = 15 kΩ, VL = 0 V
Logic Low Output Voltages
V
OL
0
0.3
V
R
L = 1.5 kΩ, VL = 3.6 V
V
DD1 and VDD2 Supply Undervoltage Lockout
V
UVLO
2.4
3.1
V
V
BUS1 Supply Undervoltage Lockout
V
UVLOB1
3.5
4.35
V
V
BUS2 Supply Undervoltage Lockout
V
UVLOB2
3.5
4.4
V
Transceiver Capacitance
C
IN
10
pF
UD+, UD−, DD+, DD− to ground
Capacitance Matching
10
%
Full Speed Driver Impedance
Z
OUTH
4
20
Impedance Matching
10
%
SWITCHING SPECIFICATIONS, I/O PINS LOW SPEED
Low Speed Data Rate
1.5
Mbps C
L = 50 pF
Propagation Delay2
t
PHLL, tPLHL
325
ns
C
L = 50 pF, SPD = SPU = low VDD1,
V
DD2 = 3.3 V
Side 1 Output Rise/Fall Time (10% to 90%) Low
Speed
t
RL/tFL
75
300
ns
C
L = 450 pF SPD = SPU = low VDD1,
V
DD2 = 3.3 V
Low Speed Differential Jitter, Next Transition
|t
LJN|
45
ns
C
L = 50 pF
Low Speed Differential Jitter, Paired Transition
|t
LJP|
15
ns
C
L = 50 pF
SWITCHING SPECIFICATIONS, I/O PINS FULL SPEED
Full Speed Data Rate
12
Mbps C
L = 50 pF
Propagation Delay2
t
PHLF, tPLHF
20
60
70
ns
C
L = 50 pF SPD = SPU = high, VDD1,
V
DD2 = 3.3 V
Output Rise/Fall Time (10% to 90%) Full Speed
t
RF/tFF
4
20
ns
C
L = 50 pF SPD = SPU = high, VDD1,
V
DD2 = 3.3 V
Full Speed Differential Jitter, Next Transition
|t
FJN|
3
ns
C
L = 50 pF
Full Speed Differential Jitter, Paired Transition
|t
FJP|
1
ns
C
L = 50 pF


Similar Part No. - ADUM4160_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4160BRIZ AD-ADUM4160BRIZ Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
ADUM4160BRIZ-RL AD-ADUM4160BRIZ-RL Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
ADuM4160BRWZ AD-ADuM4160BRWZ Datasheet
425Kb / 14P
   Full/Low Speed USB Digital Isolator
Rev. Pr F
ADuM4160BRWZ AD-ADuM4160BRWZ Datasheet
302Kb / 16P
   Full/Low Speed USB Digital Isolator
REV. A
ADUM4160BRWZ AD-ADUM4160BRWZ Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
More results

Similar Description - ADUM4160_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4160 AD-ADUM4160_V01 Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
ADUM3160 AD-ADUM3160 Datasheet
263Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
REV. A
ADUM3160 AD-ADUM3160_V01 Datasheet
317Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
Rev. C
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
   Full/Low Speed USB Digital Isolator
Rev. Pr F
ADUM4160 AD-ADUM4160_09 Datasheet
302Kb / 16P
   Full/Low Speed USB Digital Isolator
REV. A
ADUM7510 AD-ADUM7510 Datasheet
265Kb / 12P
   5-Channel, 1 kV Unidirectional Digital Isolator
REV. A
ADUM4165 AD-ADUM4165 Datasheet
1Mb / 26P
   5.7 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed
Rev. 0
ADUM3165 AD-ADUM3165 Datasheet
1Mb / 26P
   3.75 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed
Rev. 0
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
Analog Devices
ADUM4154 AD-ADUM4154 Datasheet
427Kb / 22P
   5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com