Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM2485BRWZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADM2485BRWZ
Description  High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2485BRWZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM2485BRWZ Datasheet HTML 5Page - Analog Devices ADM2485BRWZ Datasheet HTML 6Page - Analog Devices ADM2485BRWZ Datasheet HTML 7Page - Analog Devices ADM2485BRWZ Datasheet HTML 8Page - Analog Devices ADM2485BRWZ Datasheet HTML 9Page - Analog Devices ADM2485BRWZ Datasheet HTML 10Page - Analog Devices ADM2485BRWZ Datasheet HTML 11Page - Analog Devices ADM2485BRWZ Datasheet HTML 12Page - Analog Devices ADM2485BRWZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADM2485
Rev. A | Page 9 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
D1 1
D2 2
GND1 3
VDD1 4
VDD2
16
GND2
15
GND2
14
B
13
RxD 5
A
12
RE 6
GND2
11
RTS 7
DE OUT
10
TxD 8
GND2
9
ADM2485
TOP VIEW
(Not to Scale)
Figure 6. Pin Configuration
Table 8. Pin Function Description
Pin No.
Mnemonic
Function
1
D1
Transformer Driver Terminal 1.
2
D2
Transformer Driver Terminal 2.
3
GND1
Ground, Logic Side.
4
VDD1
Power Supply, Logic Side (3.3 V or 5 V). Decoupling capacitor to GND1 required; capacitor value should be
between 0.01 μF and 0.1 μF.
5
RxD
Receiver Output Data. This output is high when (A − B) > 200 mV and low when (A − B) < −200 mV. The
output is tristated when the receiver is disabled, that is, when RE is driven high.
6
RE
Receiver Enable Input. This is an active-low input. Driving this input low enables the receiver; driving it
high disables the receiver.
7
RTS
Driver Enable Input. Driving this input high enables the driver; driving it low disables the driver.
8
TxD
Driver Input. Data to be transmitted by the driver is applied to this input.
9, 11, 14, 15
GND2
Ground, Bus Side.
10
DE OUT
Driver Enable Status Output.
12
A
Noninverting Driver Output/Receiver Input. When the driver is disabled or VDD1 or VDD2 is powered down,
Pin A is put in a high impedance state to avoid overloading the bus.
13
B
Inverting Driver Output/Receiver Input. When the driver is disabled or VDD1 or VDD2 is powered down,
Pin B is put in a high impedance state to avoid overloading the bus.
16
VDD2
Power Supply, Bus Side (Isolated 5 V Supply). Decoupling capacitor to GND2 required; capacitor value
should be between 0.01 μF and 0.1 μF.


Similar Part No. - ADM2485BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2485BRWZ AD-ADM2485BRWZ Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485BRWZ AD-ADM2485BRWZ Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
ADM2485BRWZ-REEL AD-ADM2485BRWZ-REEL Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485BRWZ-REEL7 AD-ADM2485BRWZ-REEL7 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
More results

Similar Description - ADM2485BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2485 AD-ADM2485 Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485 AD-ADM2485_V01 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
logo
Texas Instruments
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
[Old version datasheet]   Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com