Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D20SC9M Datasheet(PDF) 5 Page - Shindengen Electric Mfg.Co.Ltd

Part # D20SC9M
Description  Schottky Rectifiers (SBD) (90V 20A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D20SC9M Datasheet(HTML) 5 Page - Shindengen Electric Mfg.Co.Ltd

  D20SC9M Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D20SC9M Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D20SC9M Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D20SC9M Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D20SC9M Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D20SC9M Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D20SC9M Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd D20SC9M Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd D20SC9M Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
0
20
40
60
80
100
0
20
40
60
80
100
120
D20SC9M
0.3
Reverse Power Dissipation
Tj = 150
°C
SIN
0.2
0.5
D=0.05
DC
0.1
0.8
0
tp
VR
T
D=tp/T
Reverse Voltage VR [V]


Similar Part No. - D20SC9M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D20SC9M SHINDENGEN-D20SC9M_17 Datasheet
3Mb / 4P
   Schottky Barrier Diode
More results

Similar Description - D20SC9M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S20SC9M SHINDENGEN-S20SC9M Datasheet
534Kb / 10P
   Schottky Rectifiers (SBD) (90V 20A)
DF20SC9M SHINDENGEN-DF20SC9M Datasheet
536Kb / 10P
   Schottky Rectifiers (SBD) (90V 20A)
D5S9M SHINDENGEN-D5S9M Datasheet
603Kb / 11P
   Schottky Rectifiers (SBD) (90V 5A)
D10SC9M SHINDENGEN-D10SC9M Datasheet
599Kb / 11P
   Schottky Rectifiers (SBD) (90V 10A)
SF10SC9 SHINDENGEN-SF10SC9 Datasheet
531Kb / 10P
   Schottky Rectifiers (SBD)(90V 10A)
DF10SC9 SHINDENGEN-DF10SC9 Datasheet
585Kb / 10P
   Schottky Rectifiers (SBD) (90V 10A)
DF20PC3M SHINDENGEN-DF20PC3M Datasheet
535Kb / 8P
   Schottky Rectifiers (SBD) (30V 20A)
S20SC4M SHINDENGEN-S20SC4M Datasheet
592Kb / 10P
   Schottky Rectifiers (SBD) (40V 20A)
SF20SC3L SHINDENGEN-SF20SC3L Datasheet
619Kb / 10P
   Schottky Rectifiers (SBD) (30V 20A)
SF20SC4 SHINDENGEN-SF20SC4 Datasheet
617Kb / 10P
   Schottky Rectifiers (SBD) (40V 20A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com