Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC27600 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC27600
Description  36V, 7A Hyper Speed Control??Synchronous DC-DC Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC27600 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC27600 Datasheet HTML 4Page - Micrel Semiconductor MIC27600 Datasheet HTML 5Page - Micrel Semiconductor MIC27600 Datasheet HTML 6Page - Micrel Semiconductor MIC27600 Datasheet HTML 7Page - Micrel Semiconductor MIC27600 Datasheet HTML 8Page - Micrel Semiconductor MIC27600 Datasheet HTML 9Page - Micrel Semiconductor MIC27600 Datasheet HTML 10Page - Micrel Semiconductor MIC27600 Datasheet HTML 11Page - Micrel Semiconductor MIC27600 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Micrel, Inc.
MIC27600
July 2011
8
M9999-070811
Typical Characteristics (Continued)
Efficiency
vs. Output Current
50
55
60
65
70
75
80
85
90
95
100
0
1
23
45
6
7
OUTPUT CURRENT (A)
12VIN
28VIN
36VIN
VOUT = 3.3V
VDD = 5V
Feedback Voltage
vs. Output Current
0.792
0.796
0.800
0.804
0.808
01
234
5
6
7
OUTPUT CURRENT (A)
VIN = 28V
VOUT = 3.3V
VDD = 5V
Line Regulation
vs. Output Current
0.0%
0.1%
0.2%
0.3%
0.4%
0.5%
0123
45
67
OUTPUT CURRENT (A)
VIN = 6V to 36V
VOUT = 3.3V
VDD = 5V
Die Temperature* (VIN = 12V)
vs. Output Current
0
20
40
60
80
01
23
4
5
6
7
OUTPUT CURRENT (A)
VIN = 12V
VOUT = 3.3V
VDD= 5V
Die Temperature* (VIN = 28V)
vs. Output Current
0
20
40
60
80
0123
4567
OUTPUT CURRENT (A)
VIN = 28V
VOUT = 3.3V
VDD= 5V
Die Temperature* (VIN = 36V)
vs. Output Current
0
20
40
60
80
0123
4567
OUTPUT CURRENT (A)
VIN = 36V
VOUT = 3.3V
VDD = 5V
Efficiency (VIN = 12V)
vs. Output Current
70
75
80
85
90
95
100
0123456789
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
Efficiency (VIN = 28V)
vs. Output Current
60
65
70
75
80
85
90
95
0
123
456
789
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
Efficiency (VIN = 36V)
vs. Output Current
50
55
60
65
70
75
80
85
90
95
0123456
789
OUTPUT CURRENT (A)
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
Die Temperature* :
The temperature measurement was taken at the hottest point on the MIC27600 case mounted on a 5 square inch PCB, see
Thermal Measurement section. Actual results will depend upon the size of the PCB, ambient temperature and proximity to other heat emitting
components.


Similar Part No. - MIC27600

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC27600 MICREL-MIC27600 Datasheet
1Mb / 27P
   36V, 7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC27600YJL MICREL-MIC27600YJL Datasheet
1Mb / 27P
   36V, 7A Hyper Speed Control Synchronous DC-DC Buck Regulator
More results

Similar Description - MIC27600

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC27600 MICREL-MIC27600 Datasheet
1Mb / 27P
   36V, 7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26600 MICREL-MIC26600 Datasheet
961Kb / 28P
   7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26600_1107 MICREL-MIC26600_1107 Datasheet
1Mb / 28P
   7A Hyper Speed ControlTM Synchronous DC-DC Buck Regulator
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
   12A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26400 MICREL-MIC26400 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26400 MICREL-MIC26400_11 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
   28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
   28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28500 MICREL-MIC28500 Datasheet
1Mb / 29P
   75V/4A Hyper Speed Control??Synchronous DC-DC Buck Regulator
MIC26603ZA MICREL-MIC26603ZA Datasheet
1Mb / 28P
   28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com