Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC27600 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC27600
Description  36V, 7A Hyper Speed Control??Synchronous DC-DC Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC27600 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC27600_11 Datasheet HTML 1Page - Micrel Semiconductor MIC27600_11 Datasheet HTML 2Page - Micrel Semiconductor MIC27600_11 Datasheet HTML 3Page - Micrel Semiconductor MIC27600_11 Datasheet HTML 4Page - Micrel Semiconductor MIC27600_11 Datasheet HTML 5Page - Micrel Semiconductor MIC27600_11 Datasheet HTML 6Page - Micrel Semiconductor MIC27600_11 Datasheet HTML 7Page - Micrel Semiconductor MIC27600_11 Datasheet HTML 8Page - Micrel Semiconductor MIC27600_11 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MIC27600
36V, 7A Hyper Speed Control
Synchronous DC-DC Buck Regulator
SuperSwitcher II
Hyper Speed Control, SuperSwitcher II and Any Capacitor are trademarks of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The Micrel MIC27600 is a constant-frequency, synchronous
buck regulator featuring a unique digitally-modified adaptive
on-time control architecture. The MIC27600 operates over an
input supply range of 4.5V to 36V and provides a regulated
output of up to 7A of output current. The output voltage is
adjustable down to 0.8V with a guaranteed accuracy of ±1%,
and the device operates at a switching frequency of 300kHz.
Micrel’s Hyper Speed Control
™ architecture allows for ultra-
fast transient response while reducing the output capacitance
and also makes (High VIN)/(Low VOUT) operation possible.
This digitally modified adaptive tON ripple control architecture
combines the advantages of fixed-frequency operation and
fast transient response in a single device.
The MIC27600 offers a full suite of protection features to
ensure protection of the IC during fault conditions. These
include undervoltage lockout to ensure proper operation
under power-sag conditions, internal soft-start to reduce
inrush current, foldback current limit, “hiccup” mode short-
circuit protection and thermal shutdown.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
Features
Hyper Speed Control
™ architecture enables
-
High Delta V operation (VIN = 36V and VOUT = 0.8V)
-
Small output capacitance
4.5V to 36V voltage input
Adjustable output from 0.8V to 5.5V (VHSD ≤ 28V)
Adjustable output from 0.8V to 3.6V (VHSD ≤ 36V)
±1% FB accuracy
Any Capacitor
™ Stable - Zero-ESR to high-ESR
7A output current capability, up to 95% efficiency
300kHz switching frequency
Internal compensation, 6ms Internal soft-start
Foldback current-limit and “hiccup” mode short-circuit
protection
Thermal shutdown
Supports safe startup into a pre-biased load
–40
°C to +125°C junction temperature range
28-pin 5mm
× 6mm MLF® package
Applications
Distributed power systems
Communications/networking infrastructure
Set-top box, gateways and routers
Printers, scanners, graphic cards and video cards
___________________________________________________________________________________________________________
Typical Application
Efficiency (VIN = 28V)
vs. Output Current
60
65
70
75
80
85
90
95
01
234
567
89
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
July 2011
M9999-070811


Similar Part No. - MIC27600_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC27600YJL MICREL-MIC27600YJL Datasheet
1Mb / 27P
   36V, 7A Hyper Speed Control Synchronous DC-DC Buck Regulator
More results

Similar Description - MIC27600_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC27600 MICREL-MIC27600 Datasheet
1Mb / 27P
   36V, 7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26600 MICREL-MIC26600 Datasheet
961Kb / 28P
   7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26600_1107 MICREL-MIC26600_1107 Datasheet
1Mb / 28P
   7A Hyper Speed ControlTM Synchronous DC-DC Buck Regulator
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
   12A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26400 MICREL-MIC26400 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26400 MICREL-MIC26400_11 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
   28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
   28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28500 MICREL-MIC28500 Datasheet
1Mb / 29P
   75V/4A Hyper Speed Control??Synchronous DC-DC Buck Regulator
MIC26603ZA MICREL-MIC26603ZA Datasheet
1Mb / 28P
   28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com