Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSL3164BT Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MSL3164BT
Description  16-string White & RGB LED Drivers with Adaptive Power Control, E짼PROM, and SPI/I짼C/SMBus Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3164BT Datasheet(HTML) 2 Page - ATMEL Corporation

  MSL3164BT Datasheet HTML 1Page - ATMEL Corporation MSL3164BT Datasheet HTML 2Page - ATMEL Corporation MSL3164BT Datasheet HTML 3Page - ATMEL Corporation MSL3164BT Datasheet HTML 4Page - ATMEL Corporation MSL3164BT Datasheet HTML 5Page - ATMEL Corporation MSL3164BT Datasheet HTML 6Page - ATMEL Corporation MSL3164BT Datasheet HTML 7Page - ATMEL Corporation MSL3164BT Datasheet HTML 8Page - ATMEL Corporation MSL3164BT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Atmel LED Drivers-MSL3163/MSL3164
General Description
The Atmel LED Drivers-
MSL3163 and MSL3164
compact, high-power LED
string drivers use internal
current control MOSFETs to
sink up to 100mA per string,
with current accuracy and
matching better than 3%. The
MSL3163/4 drive 16 parallel
strings of ten white LEDs
each, for a total of 160 white
LEDs per device. Sixteen
interconnected devices control
up to 2560 white LEDs.
Atmel LED Drivers-MSL3163 and MSL3164
16-string White & RGB LED Drivers with Adaptive Power
Control, E²PROM, and SPI/I²C/SMBus Serial Interface
The MSL3163/4 adaptively controls the DC-DC converters that power the
LED strings, using Atmel's Adaptive SourcePower technology. These Efficiency
Optimizers minimize power use while maintaining LED current accuracy.
The MSL3164 features a 20 MHz SPI serial interface, and the MSL3163 offers
a 1 MHz I2C serial interface. Both interfaces support video frame-by-frame
LED string intensity control for up to 16 interconnected devices to allow active
area dimming. The devices include an advanced PWM engine that easily
synchronizes to a video signal, and per-string phase adjustment to reduce
unwanted LCD artifacts such as motion blur. Additionally, an on-chip E²PROM
allows the power-up defaults to be customized through the serial interface.
A unique combination of peak current control and pulse width management
offer simple full screen brightness control, versatile area dimming and
a consistent white point. One external resistor provides the global peak
reference current for all LED strings, and global peak current fine-tuning is
available through an 8-bit register. Global string drive pulse width is adjusted
with an 8-bit global intensity register, and individual string pulse width is
modulated with 12-bit registers.
The MSL3163/4 feature fault monitoring of open circuit, short circuit, loss
of video sync and over temperature conditions, and provides a fault output
to notify the system controller. Detailed fault status and control are available
through the serial interface.
The MSL3163/4 are offered in a 6 x 6 x 0.75mm, 40-pin TQFN package and
operate over the -40°C to 85°C temperature range.
Applications
Long Life, Efficient LED Backlighting For:
Televisions and Desktop Monitors
Medical and Industrial Instrumentation
Automotive Audio-visual Displays
Channel Signs
Architectural Lighting
Ordering Information
16-CHANNEL LED STRING DRIVERS
PART
INTERFACE
PACKAGE
MSL3163BT
I2C interface
40 pin, 6 x 6 x 0.75mm TQFN
MSL3164BT
SPI interface
40 pin, 6 x 6 x 0.75mm TQFN


Similar Part No. - MSL3164BT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL3082 ATMEL-MSL3082 Datasheet
2Mb / 16P
   8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
MSL3082CS ATMEL-MSL3082CS Datasheet
2Mb / 16P
   8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
MSL3085 ATMEL-MSL3085 Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
More results

Similar Description - MSL3164BT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL2160 ATMEL-MSL2160 Datasheet
1Mb / 28P
   16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
logo
STMicroelectronics
STCF05 STMICROELECTRONICS-STCF05 Datasheet
405Kb / 33P
   High power white LED driver with I짼C interface
July 2010 Rev 4
STCF03I STMICROELECTRONICS-STCF03I_08 Datasheet
464Kb / 33P
   High power white LED driver with I짼C interface
STCF04TBR STMICROELECTRONICS-STCF04TBR Datasheet
1Mb / 43P
   High power white LED SuperCap??driver with I짼C interface
STCF04 STMICROELECTRONICS-STCF04 Datasheet
1Mb / 43P
   High power white LED SuperCap??driver with I짼C interface
September 2012 Rev 3
logo
Maxim Integrated Produc...
DS28CM00 MAXIM-DS28CM00 Datasheet
92Kb / 9P
   I짼C/SMBus Silicon Serial Number
REV: 072406
logo
STMicroelectronics
STCF06 STMICROELECTRONICS-STCF06 Datasheet
405Kb / 33P
   1.5 A white LED driver with I짼C interface
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com