Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSL3164BT Datasheet(PDF) 8 Page - ATMEL Corporation

Part # MSL3164BT
Description  16-string White & RGB LED Drivers with Adaptive Power Control, E짼PROM, and SPI/I짼C/SMBus Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3164BT Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button MSL3164BT Datasheet HTML 4Page - ATMEL Corporation MSL3164BT Datasheet HTML 5Page - ATMEL Corporation MSL3164BT Datasheet HTML 6Page - ATMEL Corporation MSL3164BT Datasheet HTML 7Page - ATMEL Corporation MSL3164BT Datasheet HTML 8Page - ATMEL Corporation MSL3164BT Datasheet HTML 9Page - ATMEL Corporation MSL3164BT Datasheet HTML 10Page - ATMEL Corporation MSL3164BT Datasheet HTML 11Page - ATMEL Corporation MSL3164BT Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Atmel LED Drivers-MSL3163/MSL3164
Electrical Characteristics
(Typical Application Circuit, VIN = 5V, T
A = TMIN to TMAX, unless otherwise noted. Typical values are at VIN = 5V, TA = +25°C).
PARAMETER
SYMBOL
CONDITIONS AND NOTES
MIN
TYP
MAX
UNIT
DC ELECTRICAL CHARACTERISTICS
VIN Operating Supply Voltage
VIN
4.75
5
5.5
V
VIN Operating Supply Current
I
VIN
EN = VIN, SLEEP = 0, R
ILED =
12.7kΩ,
PHI = 240Hz,
GSC = 983.04kHz,
POWERCTRL = 0x4F,
ISTR = 0xFF,
OSCCTRL = 0x04, GSCINTEN =
0, PHIINTEN = 0,
STRnEN = 1
PWMn
=
0x7FF
18
28
mA
PWMn
=
0xFFF
24
35
VIN Shutdown Supply Current
I
SHDN
EN = GND, SDA, SCL, AD0, AD1, PWM,
PHI and GSC = GND
10
µA
VIN Sleep Current
I
SLEEP
EN = 1, SLEEP = 1, SDA, SCL, AD0, AD1,
PWM, PHI and GSC = GND or VDD
1.5
mA
VDD Regulation Voltage
VDD
2.4
2.5
2.6
V
Input High Voltage: SDA, SCL, PWM,
PHI, GSC, MOSI, CSB
V
IH
0.7 x
VDD
V
Input Low Voltage: SDA, SCL, PWM, PHI,
GSC, MOSI, CSB
V
IL
0.3 x
VDD
V
Input High Voltage: EN
1.22
V
Input Low Voltage: EN
0.8
V
Output High Voltage: PHI, GSC, MISO
V
OH
I
SOURCE = 5mA
VIN –
0.4
V
Output Low Voltage: PHI, GSC, SDA,
MISO, FLTB
V
OL
I
SINK = 5mA
0.4
V
ILED Regulation Voltage
RILED = 12.7kΩ
350
mV
FBI Feedback Input Current
0
365
μA
FBO Feedback Output Current Range
V
FBO ≤ VIN – 0.5V
0
365
μA
FBO Feedback Output Current Step Size
1.1
μA
FBI Input Disable Threshold
50
mV
STR0 thru STR15 Sink Current
RILED = 12.7kΩ, ISTR = 0xFF, V
STRn = 1V
55
60
67
mA
STR0 thru STR15 Sink Current Maximum
R
ILED = 7.68kΩ, ISTR = 0xFF (Note 1)
100
mA
STR0 thru STR15 Current Load
Regulation
RILED = 12.7kΩ; ISTR = 0xFF,
FLDBKEN = 0, VSTRn = 1V to 5V
0.033
%/V
STR0 thru STR15 Current Matching
RILED = 12.7kΩ, ISTR = 0x7F, V
STRn = 1V
-5
5
%
STR0 thru STR15 Minimum Headroom
V
STR
RILED = 12.7kΩ; ISTR = 0xFF
0.5
V
STR0 thru STR15 Short Circuit Fault
Detection Threshold
SC
REF
3.5
V
STR0 thru STR15 Current Slew Rate
Current rising (Note 2)
608
mA/µs
Current falling (Note 2)
10868
Thermal Shutdown Temperature
(Note 2)
135
°C


Similar Part No. - MSL3164BT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL3082 ATMEL-MSL3082 Datasheet
2Mb / 16P
   8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
MSL3082CS ATMEL-MSL3082CS Datasheet
2Mb / 16P
   8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
MSL3085 ATMEL-MSL3085 Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
More results

Similar Description - MSL3164BT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL2160 ATMEL-MSL2160 Datasheet
1Mb / 28P
   16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
logo
STMicroelectronics
STCF05 STMICROELECTRONICS-STCF05 Datasheet
405Kb / 33P
   High power white LED driver with I짼C interface
July 2010 Rev 4
STCF03I STMICROELECTRONICS-STCF03I_08 Datasheet
464Kb / 33P
   High power white LED driver with I짼C interface
STCF04TBR STMICROELECTRONICS-STCF04TBR Datasheet
1Mb / 43P
   High power white LED SuperCap??driver with I짼C interface
STCF04 STMICROELECTRONICS-STCF04 Datasheet
1Mb / 43P
   High power white LED SuperCap??driver with I짼C interface
September 2012 Rev 3
logo
Maxim Integrated Produc...
DS28CM00 MAXIM-DS28CM00 Datasheet
92Kb / 9P
   I짼C/SMBus Silicon Serial Number
REV: 072406
logo
STMicroelectronics
STCF06 STMICROELECTRONICS-STCF06 Datasheet
405Kb / 33P
   1.5 A white LED driver with I짼C interface
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com