Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSLB9061 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # MSLB9061
Description  Compact, 6-channel LED Driver Board with I2C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9061 Datasheet(HTML) 3 Page - ATMEL Corporation

  MSLB9061 Datasheet HTML 1Page - ATMEL Corporation MSLB9061 Datasheet HTML 2Page - ATMEL Corporation MSLB9061 Datasheet HTML 3Page - ATMEL Corporation MSLB9061 Datasheet HTML 4Page - ATMEL Corporation MSLB9061 Datasheet HTML 5Page - ATMEL Corporation MSLB9061 Datasheet HTML 6Page - ATMEL Corporation MSLB9061 Datasheet HTML 7Page - ATMEL Corporation MSLB9061 Datasheet HTML 8Page - ATMEL Corporation MSLB9061 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Atmel LED Driver-MSLB9061
Atmel LED Driver-MSLB9061
LED Driver Module
Compact, 6-channel LED Driver Board with I2C Interface
Compact, 6-channel LED Driver Board with I2C Interface
Key Features
LED Driver Board
Drives up to 6 LED Strings
Up to 12 LEDs per String
Up to 30mA per LED String
I²C Serial Interface
Fault Detection and Protection
3.3 to 28V Input Voltage Range
Up to 7.2W Output Power
Small Size, 1.95” X 0.73”
Four Available I²C Slave Addresses, Switch
Selectable
Four Full-scale Current Settings, Switch Selectable
Separate Bias and Power Inputs Allows a Variety
Of Configurations
1Mhz Switching Frequency
Internal Or External PWM Dimming Control
Digital Control of LED String Current
Individual LED String On/Off Digital Control
Short Circuit or Open Circuit LED String Detection
Automatic Overvoltage Protection
1.95”
(49.53mm)
0.73”
(18.55mm)


Similar Part No. - MSLB9061

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
   Compact, 8-channel, 20W LED Driver Board with I2C Interface
More results

Similar Description - MSLB9061

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
   Compact, 8-channel, 20W LED Driver Board with I2C Interface
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626_08 Datasheet
256Kb / 15P
   6-Channel LED Driver with I2C??Interface
logo
ON Semiconductor
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
logo
Monolithic Power System...
EV3331-C-00A MPS-EV3331-C-00A Datasheet
576Kb / 7P
   2A Flash LED Driver With I2C Interface Evaluation Board
logo
Texas Instruments
LM3435 TI1-LM3435 Datasheet
979Kb / 25P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
LM3435 TI1-LM3435_13 Datasheet
1Mb / 27P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
logo
Monolithic Power System...
EV3332-C-00A MPS-EV3332-C-00A Datasheet
664Kb / 7P
   Dual channel, 1.5A/Ch Flash LED Driver With I2C Interface Evaluation Board
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com